Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRV9010BBCZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADRV9010BBCZ
Description  Integrated, Quad RF Transceiver with Observation Path
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9010BBCZ Datasheet(HTML) 1 Page - Analog Devices

  ADRV9010BBCZ Datasheet HTML 1Page - Analog Devices ADRV9010BBCZ Datasheet HTML 2Page - Analog Devices ADRV9010BBCZ Datasheet HTML 3Page - Analog Devices ADRV9010BBCZ Datasheet HTML 4Page - Analog Devices ADRV9010BBCZ Datasheet HTML 5Page - Analog Devices ADRV9010BBCZ Datasheet HTML 6Page - Analog Devices ADRV9010BBCZ Datasheet HTML 7Page - Analog Devices ADRV9010BBCZ Datasheet HTML 8Page - Analog Devices ADRV9010BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 115 page
background image
Integrated, Quad RF Transceiver
with Observation Path
Data Sheet
ADRV9010
Rev. E
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights ofthirdpartiesthatmayresultfromitsuse. Specificationssubjecttochangewithout notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2019–2021 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
4 differential transmitters
4 differential receivers
2 observation receivers with 2 inputs each
Center frequency
650 MHz to 3800 MHz (ADRV9010BBCZ)
650 MHz to 6000 MHz (ADRV9010BBCZ-A)
Maximum receiver bandwidth: 200 MHz
Maximum transmitter bandwidth: 200 MHz
Maximum transmitter synthesis bandwidth: 450 MHz
Maximum observation receiver bandwidth: 450 MHz
Fully integrated independent fractional-N radio frequency
synthesizers
Fully integrated clock synthesizer
Multichip phase synchronization for all local oscillators and
baseband clocks
JESD204B/JESD204C digital interface
APPLICATIONS
3G/4G/5G TDD macro and small cell base stations
TDD active antenna systems for advanced LTE and 5G
GENERAL DESCRIPTION
The ADRV9010 is a highly integrated, radio frequency (RF) agile
transceiver that offers four independently controlled transmitters,
dedicated observation receiver inputs for monitoring each
transmitter channel, four independently controlled receivers,
integrated synthesizers, and digital signal processing functions
to provide a complete transceiver solution. The device provides the
high radio performance and low power consumption demanded by
cellular infrastructure applications such as TDD-based small cell
base station radios, macro 3G/4G/5G TDD systems, and TDD
based massive multiple in/multiple out (MIMO) base stations.
The ADRV9010BBCZ operates from 650 MHz to 3800 MHz,
covering most of the licensed and unlicensed cellular bands.
The ADRV9010BBCZ-A operates from 650 MHz to 6000 MHz.
The receiver subsystem consists of four independent, wide
bandwidth, direct conversion receivers with state-of-the-art
dynamic range. The four independent transmitters use an
innovative direct conversion modulator that achieves high
modulation accuracy with exceptionally low noise. The
ADRV9010 device also includes two wide bandwidth, time
shared observation path receivers with two inputs each for
monitoring transmitter outputs.
The complete transceiver subsystem includes automatic and
manual attenuation control, dc offset correction, quadrature
error correction (QEC), and digital filtering, eliminating the need
for these functions in the digital baseband. Other auxiliary
functions such as analog-to-digital converters (ADCs), digital-to-
analog converters (DACs), and general-purpose input/outputs
(GPIOs) that provide an array of digital control options are also
integrated.
To achieve a high level of RF performance, the transceiver
includes five fully integrated phase-locked loops (PLLs). Two
PLLs provide high performance, low power fractional-N RF
synthesis for the transmitter and receiver signal paths. One fully
integrated PLL also supports an independent local oscillator (LO)
mode for the observation receiver. Another PLL generates the
clocks needed for the converters and digital circuits and a fifth
PLL provides the clock for the serial data interface. A multichip
synchronization mechanism synchronizes the phases of all LOs
and baseband clocks between multiple ADRV9010 chips. All
voltage controlled oscillators (VCOs) and loop filter components
are integrated and adjustable through the digital control interface.
The serial data interface consists of eight serializer lanes and eight
deserializer lanes. The interface supports both the JESD204B and
JESD204C standards, operating at data rates up to 16.22016 Gbps.
The interface also supports interleaved mode for lower bandwidths,
thus reducing the number of high speed data interface lanes to
one. Both fixed and floating-point data formats are supported.
The floating-point format allows internal automatic gain
control (AGC) to be invisible to the demodulator device.
The ADRV9010 is powered directly from 1.0 V, 1.3 V, and 1.8 V
regulators and is controlled via a standard serial peripheral
interface (SPI). Comprehensive power-down modes are included
to minimize power consumption in normal use. The
ADRV9010 is packaged in a 14 mm × 14 mm, 289-ball chip
scale ball grid array (CSP_BGA).


Similar Part No. - ADRV9010BBCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRV9002 AD-ADRV9002 Datasheet
11Mb / 92P
Dual Narrow-Band and Wideband RF Transceiver
4/2021-Revision 0
ADRV9002 AD-ADRV9002 Datasheet
13Mb / 100P
Dual Narrow-Band and Wideband RF Transceiver
Rev. A
ADRV9002BBCZ AD-ADRV9002BBCZ Datasheet
11Mb / 92P
Dual Narrow-Band and Wideband RF Transceiver
4/2021-Revision 0
ADRV9002BBCZ AD-ADRV9002BBCZ Datasheet
13Mb / 100P
Dual Narrow-Band and Wideband RF Transceiver
Rev. A
ADRV9002BBCZ-RL AD-ADRV9002BBCZ-RL Datasheet
11Mb / 92P
Dual Narrow-Band and Wideband RF Transceiver
4/2021-Revision 0
More results

Similar Description - ADRV9010BBCZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE7799 TI1-AFE7799 Datasheet
338Kb / 9P
Quad-Channel RF Transceiver With Feedback Path
AFE7769 TI1-AFE7769 Datasheet
341Kb / 9P
AFE7769 Quad-Channel RF Transceiver With Feedback Path
AFE7920 TI1-AFE7920 Datasheet
350Kb / 12P
AFE79xx Quad-Channel RF Transceiver With Feedback Path
logo
Analog Devices
ADRV9026 AD-ADRV9026 Datasheet
2Mb / 118P
Integrated, Quad RF Transceiver with Observation Path
8/2020-Rev. A to Rev. B
ADRV9029 AD-ADRV9029 Datasheet
2Mb / 133P
Integrated, Quad RF Transceiver with Observation Path
12/2020-Revision 0
AD9375 AD-AD9375 Datasheet
852Kb / 61P
Integrated, Dual RF Transceiver with Observation Path
3/2017-Revision 0
ADRV9008-2 AD-ADRV9008-2 Datasheet
2Mb / 95P
Integrated Dual RF Transmitters and Observation Receiver
9/2018-Revision 0
ADRV9009 AD-ADRV9009 Datasheet
3Mb / 127P
Integrated Dual RF Transmitter, Receiver, and Observation Receiver
5/2019-Rev. A to Rev B.
AD9986 AD-AD9986_V01 Datasheet
3Mb / 37P
4T2R Direct RF Transmitter and Observation Receiver
Rev. 0
AD9371 AD-AD9371_V01 Datasheet
1Mb / 57P
Integrated, Dual RF Transceiver with Observation Path
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com