Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRV9010BBCZ Datasheet(PDF) 97 Page - Analog Devices

Part # ADRV9010BBCZ
Description  Integrated, Quad RF Transceiver with Observation Path
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9010BBCZ Datasheet(HTML) 97 Page - Analog Devices

Back Button ADRV9010BBCZ Datasheet HTML 93Page - Analog Devices ADRV9010BBCZ Datasheet HTML 94Page - Analog Devices ADRV9010BBCZ Datasheet HTML 95Page - Analog Devices ADRV9010BBCZ Datasheet HTML 96Page - Analog Devices ADRV9010BBCZ Datasheet HTML 97Page - Analog Devices ADRV9010BBCZ Datasheet HTML 98Page - Analog Devices ADRV9010BBCZ Datasheet HTML 99Page - Analog Devices ADRV9010BBCZ Datasheet HTML 100Page - Analog Devices ADRV9010BBCZ Datasheet HTML 101Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 115 page
background image
Data Sheet
ADRV9010
Rev. E | Page 97 of 115
–80
–75
–70
–65
–60
–55
–50
–45
–40
0
5
10
15
20
TRANSMITTER ATTENUATION (dB)
–40°C
+25°C
+110°C
Figure 414. Adjacent Channel Power Level vs. Transmitter Attenuation,
90 MHz Baseband Offset, 20 MHz LTE, PAR = 12 dB, Loop Filter Bandwidth =
500 kHz, Loop Filter Phase Margin = 60°
–110
–105
–100
–95
–90
–85
–80
–75
–70
–65
–60
0
2
4
6
8
101214161820
TRANSMITTER ATTENUATION (dB)
–40°C, LOWER HD2
+25°C, LOWER HD2
+110°C, LOWER HD2
–40°C, UPPER HD2
+25°C, UPPER HD2
+110°C, UPPER HD2
Figure 415. Transmitter HD2 vs. Transmitter Attenuation, 10 MHz Offset
–110
–105
–100
–95
–90
–85
–80
–75
–70
–65
–60
0
2
4
6
8
10
12
14
16
18
20
TRANSMITTER ATTENUATION (dB)
–40°C, LOWER HD3
+25°C, LOWER HD3
+110°C, LOWER HD3
–40°C, UPPER HD3
+25°C, UPPER HD3
+110°C, UPPER HD3
Figure 416. Transmitter HD3 vs. Transmitter Attenuation, 10 MHz Offset
–0.05
–0.04
–0.03
–0.02
–0.01
0
0.01
0.02
0.03
0.04
0.05
0
4
8
12
1620242832
TRANSMITTER ATTENUATION (dB)
–40°C
+25°C
+110°C
Figure 417. Transmitter Attenuator Step Error vs. Transmitter Attenuation,
10 MHz Offset
–40°C, Tx1
+25°C, Tx1
+110°C, Tx1
–40°C, Tx2
+25°C, Tx2
+110°C, Tx2
–40°C, Tx3
+25°C, Tx3
+110°C, Tx3
–40°C, Tx4
+25°C, Tx4
+110°C, Tx4
0
2
4
6
8
10
12
14
16
18
20
TRANSMITTER ATTENUATION (dB)
Figure 418. Transmitter Error Vector Magnitude vs. Transmitter Attenuation,
20 MHz LTE Signal Centered at LO Frequency, Sample Rate = 491.52MSPS, QEC
Tracking Enabled, Loop Filter Bandwidth = 500 kHz,
Loop Filter Phase Margin = 60°
0
4
8
12
1620
242832
TRANSMITTER ATTENUATION (dB)
–40°C, Tx1
+25°C, Tx1
+110°C, Tx1
–40°C, Tx2
+25°C, Tx2
+110°C, Tx2
–40°C, Tx3
+25°C, Tx3
+110°C, Tx3
–40°C, Tx4
+25°C, Tx4
+110°C, Tx4
Figure 419. Transmitter OIP3, 2f1 − f2 vs. Transmitter Attenuation,
15 dB Digital Backoff per Tone, f1 = 50.5 MHz, f2 = 55.5 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com