Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRV9010BBCZ Datasheet(PDF) 87 Page - Analog Devices

Part # ADRV9010BBCZ
Description  Integrated, Quad RF Transceiver with Observation Path
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9010BBCZ Datasheet(HTML) 87 Page - Analog Devices

Back Button ADRV9010BBCZ Datasheet HTML 83Page - Analog Devices ADRV9010BBCZ Datasheet HTML 84Page - Analog Devices ADRV9010BBCZ Datasheet HTML 85Page - Analog Devices ADRV9010BBCZ Datasheet HTML 86Page - Analog Devices ADRV9010BBCZ Datasheet HTML 87Page - Analog Devices ADRV9010BBCZ Datasheet HTML 88Page - Analog Devices ADRV9010BBCZ Datasheet HTML 89Page - Analog Devices ADRV9010BBCZ Datasheet HTML 90Page - Analog Devices ADRV9010BBCZ Datasheet HTML 91Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 115 page
background image
Data Sheet
ADRV9010
Rev. E | Page 87 of 115
0
5
10
15
20
25
30
RECEIVER ATTENUATION (dB)
–40°C, Rx1
+25°C, Rx1
+110°C, Rx1
–40°C, Rx2
+25°C, Rx2
+110°C, Rx2
–40°C, Rx3
+25°C, Rx3
+110°C, Rx3
–40°C, Rx4
+25°C, Rx4
+110°C, Rx4
Figure 357. Receiver DC Offset vs. Receiver Attenuation, 20 MHz Offset,
−5 dBFS Input Signal
–60
–40
–20
0
20
40
60
BASEBAND OFFSET FREQUENCY (MHz)
–40°C, Rx1
+25°C, Rx1
+110°C, Rx1
–40°C, Rx2
+25°C, Rx2
+110°C, Rx2
–40°C, Rx3
+25°C, Rx3
+110°C, Rx3
–40°C, Rx4
+25°C, Rx4
+110°C, Rx4
Figure 358. Receiver HD2, Left Side vs. Baseband Offset Frequency,
−5 dBFS Input Signal, Distortion Tone Measured Left of 0 Hz
(HD2 Canceller Not Enabled)
–60
–40
–20
0
20
40
60
BASEBAND OFFSET FREQUENCY (MHz)
–40°C, Rx1
+25°C, Rx1
+110°C, Rx1
–40°C, Rx2
+25°C, Rx2
+110°C, Rx2
–40°C, Rx3
+25°C, Rx3
+110°C, Rx3
–40°C, Rx4
+25°C, Rx4
+110°C, Rx4
Figure 359. Receiver HD2, Right Side vs. Baseband Offset Frequency,
−5 dBFS Input Signal, Distortion Tone Measured Right of 0 Hz
(HD2 Canceller Not Enabled)
–40
–30
–20
–10
0
10
20
30
40
BASEBAND OFFSET FREQUENCY (MHz)
–40°C, Rx1
+25°C, Rx1
+110°C, Rx1
–40°C, Rx2
+25°C, Rx2
+110°C, Rx2
–40°C, Rx3
+25°C, Rx3
+110°C, Rx3
–40°C, Rx4
+25°C, Rx4
+110°C, Rx4
Figure 360. Receiver HD3, Left Side vs. Baseband Offset Frequency,
−5 dBFS Input Signal, Distortion Tone Measured Left of 0 Hz
–40
–30
–20
–10
0
10
20
30
40
BASEBAND OFFSET FREQUENCY (MHz)
–40°C, Rx1
+25°C, Rx1
+110°C, Rx1
–40°C, Rx2
+25°C, Rx2
+110°C, Rx2
–40°C, Rx3
+25°C, Rx3
+110°C, Rx3
–40°C, Rx4
+25°C, Rx4
+110°C, Rx4
Figure 361. Receiver HD3, Right Side vs. Baseband Offset Frequency,
−5 dBFS Input Signal, Distortion Tone Measured Right of 0 Hz
4805
4815
4825
4835
4845
TONE 2 FREQUENCY (MHz)
–40°C, Rx1
+25°C, Rx1
+110°C, Rx1
–40°C, Rx2
+25°C, Rx2
+110°C, Rx2
–40°C, Rx3
+25°C, Rx3
+110°C, Rx3
–40°C, Rx4
+25°C, Rx4
+110°C, Rx4
Figure 362. Receiver IIP2, f1 + f2 vs. Tone 2 Frequency,
Both Tones at −11 dBFS, 0 dB Attenuation, f1 = f2 + 2 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com