Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRV9010BBCZ Datasheet(PDF) 14 Page - Analog Devices

Part # ADRV9010BBCZ
Description  Integrated, Quad RF Transceiver with Observation Path
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9010BBCZ Datasheet(HTML) 14 Page - Analog Devices

Back Button ADRV9010BBCZ Datasheet HTML 10Page - Analog Devices ADRV9010BBCZ Datasheet HTML 11Page - Analog Devices ADRV9010BBCZ Datasheet HTML 12Page - Analog Devices ADRV9010BBCZ Datasheet HTML 13Page - Analog Devices ADRV9010BBCZ Datasheet HTML 14Page - Analog Devices ADRV9010BBCZ Datasheet HTML 15Page - Analog Devices ADRV9010BBCZ Datasheet HTML 16Page - Analog Devices ADRV9010BBCZ Datasheet HTML 17Page - Analog Devices ADRV9010BBCZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 115 page
background image
ADRV9010
Data Sheet
Rev. E | Page 14 of 115
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
4800 MHz LO
100 kHz Offset
−106
dBc/Hz
1 MHz Offset
−117
dBc/Hz
10 MHz Offset
−144
dBc/Hz
5700 MHz LO
100 kHz Offset
−104
dBc/Hz
1 MHz Offset
−112
dBc/Hz
10 MHz Offset
−140
dBc/Hz
AUXILIARY SYNTHESIZER
LO3
LO Frequency Step
1.8
Hz
1.625 GHz to 3.25 GHz, 61.44 MHz
PFD frequency
LO Spectral Purity
−65
dBc
|fRFLO − fAUXLO|1 > 15 MHz
Integrated Phase Noise
Integrated from 1 kHz to 100 MHz,
PLL bandwidth optimized for
integrated phase noise
800 MHz LO
0.18
°rms
1800 MHz LO
0.22
°rms
2600 MHz LO
0.46
°rms
3800 MHz LO
0.43
°rms
4800 MHz LO
0.70
°rms
5700 MHz LO
1.12
°rms
Spot Phase Noise
800 MHz LO
100 kHz Offset
−112
dBc/Hz
1 MHz Offset
−121
dBc/Hz
10 MHz Offset
−141
dBc/Hz
1800 MHz LO
100 kHz Offset
−110
dBc/Hz
1 MHz Offset
−120
dBc/Hz
10 MHz Offset
−134
dBc/Hz
2600 MHz LO
100 kHz Offset
−103
dBc/Hz
1 MHz Offset
−114
dBc/Hz
10 MHz Offset
−132
dBc/Hz
3800 MHz LO
100 kHz Offset
−104
dBc/Hz
1 MHz Offset
−114
dBc/Hz
10 MHz Offset
−128
dBc/Hz
4800 MHz LO
100 kHz Offset
−100
dBc/Hz
1 MHz Offset
−110
dBc/Hz
10 MHz Offset
−127
dBc/Hz
5700 MHz LO
100 kHz Offset
−95
dBc/Hz
1 MHz Offset
−106
dBc/Hz
10 MHz Offset
−126
dBc/Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com