Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRV9010BBCZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADRV9010BBCZ
Description  Integrated, Quad RF Transceiver with Observation Path
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9010BBCZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADRV9010BBCZ Datasheet HTML 4Page - Analog Devices ADRV9010BBCZ Datasheet HTML 5Page - Analog Devices ADRV9010BBCZ Datasheet HTML 6Page - Analog Devices ADRV9010BBCZ Datasheet HTML 7Page - Analog Devices ADRV9010BBCZ Datasheet HTML 8Page - Analog Devices ADRV9010BBCZ Datasheet HTML 9Page - Analog Devices ADRV9010BBCZ Datasheet HTML 10Page - Analog Devices ADRV9010BBCZ Datasheet HTML 11Page - Analog Devices ADRV9010BBCZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 115 page
background image
ADRV9010
Data Sheet
Rev. E | Page 8 of 115
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
Midband
MB-IIP3DIFF
Two tones near middle of the band;
PHIGH − 9 dB per tone
800 MHz
18.8
dBm
1800 MHz
27
dBm
2600 MHz
22
dBm
3800 MHz
22
dBm
4800 MHz
22
dBm
5700 MHz
20
dBm
Wideband
WB-IIP3SUM
Two tones approximately
bandwidth/6 offset from the LO; PHIGH
− 9 dB per tone
800 MHz
18
dBm
1800 MHz
20
dBm
2600 MHz
21
dBm
3800 MHz
23
dBm
4800 MHz
22
dBm
5700 MHz
22
dBm
Second-Order Harmonic
Distortion
Maximum Input
HD2MAX
−72
dBc
PHIGH CW signal, harmonic distortion
tones falling within 100 MHz of the LO
Recommended Input
HD2
−75
dBc
PHIGH − 3 dB CW signal, harmonic
distortion tones falling within
100 MHz of the LO
Third-Order Harmonic
Distortion
Maximum Input
HD3MAX
−66
dBc
PHIGH CW signal, harmonic distortion
tones falling within 100 MHz of the LO
Recommended Input
HD3
−72
dBc
PHIGH − 3 dB CW signal, harmonic
distortion tones falling within
100 MHz of the LO
Fourth-Order Harmonic
Distortion
Maximum Input
HD4MAX
−90
dBc
PHIGH CW signal, harmonic distortion
tones falling within 100 MHz of the LO
Recommended Input
HD4
−90
dBc
PHIGH − 3 dB CW signal, harmonic
distortion tones falling within 100
MHz of the LO
Fifth-Order Harmonic
Distortion
Maximum Input
HD5MAX
−87
dBc
PHIGH CW signal, harmonic distortion
tones falling within 100 MHz of the LO
Recommended Input
HD5
−90
dBc
PHIGH − 3 dB CW signal, harmonic
distortion tones falling within
100 MHz of the LO
Image Rejection
75
dB
QEC active, within 200 MHz Rx
bandwith
Rx to Rx Signal Isolation
800 MHz
75
dB
1800 MHz
69
dB
2600 MHz
69
dB
3800 MHz
64
dB
4800 MHz
61
dB
5700 MHz
58
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com