Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRV9010BBCZ Datasheet(PDF) 20 Page - Analog Devices

Part # ADRV9010BBCZ
Description  Integrated, Quad RF Transceiver with Observation Path
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9010BBCZ Datasheet(HTML) 20 Page - Analog Devices

Back Button ADRV9010BBCZ Datasheet HTML 16Page - Analog Devices ADRV9010BBCZ Datasheet HTML 17Page - Analog Devices ADRV9010BBCZ Datasheet HTML 18Page - Analog Devices ADRV9010BBCZ Datasheet HTML 19Page - Analog Devices ADRV9010BBCZ Datasheet HTML 20Page - Analog Devices ADRV9010BBCZ Datasheet HTML 21Page - Analog Devices ADRV9010BBCZ Datasheet HTML 22Page - Analog Devices ADRV9010BBCZ Datasheet HTML 23Page - Analog Devices ADRV9010BBCZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 115 page
background image
ADRV9010
Data Sheet
Rev. E | Page 20 of 115
ABSOLUTE MAXIMUM RATINGS
Table 6.
Parameter
Rating
VDDA_1P8 to VSSA
−0.3 V to +2.2 V
VDDA_1P3 to VSSA
−0.2 V to +1.5 V
VDDA_1P0, VDIG_1P0 to VSSD, VSSA
−0.2 V to +1.2 V
VIF Referenced Logic Inputs and
Outputs to VSSD
−0.3 V to VIF + 0.3 V
JESD204B Logic Outputs to VSSA
−0.3 V to VSER_1P0
JESD204B Logic Inputs to VSSA
−0.3 V to VDES_1P0
Input Current to Any Pin Except Supplies
±10 mA
Maximum Input Power into RF Ports
See Table 8 for limits
vs. survival time
Junction Temperature Range1
−40°C to +110°C
Storage Temperature Range
−65°C to +150°C
1 The maximum junction temperature for continuous operation is 110°C. See
the Junction Temperature section for more details.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond the
maximum operating conditions for extended periods may
affect product reliability.
JUNCTION TEMPERATURE
The maximum junction temperature for continuous operation
is 110°C. Although operation up to 125°C is supported,
specification compliance is only guaranteed up to 110°C. To
avoid a reduction in operating lifetime by operating above 110°C,
the device must operate at a temperature less than 110°C for a
period (tUNITS) determined by the following equation:
tUNITS < 110 = (AFT > 110 − 1)/(1 − AFT < 110)
where AFT > 110 and AFT < 110 are acceleration factors obtained
from Table 7.
For example, if the device operates at 125°C for 1 hour, expected
device lifetime is maintained if the device operates at 100°C for
4.5 hours to offset the time operating above 110°C.
Table 7. Acceleration Factors for High Temperature Operation
Operating Junction Temperature (°C)
Acceleration Factor (AF)
125
3.75
120
2.44
115
1.57
110
1.00
105
0.63
100
0.39
95
0.24
90
0.14
Table 8. Maximum Input Power into RF Ports vs. Lifetime
RF Port Input Power,
CW Signal (dBm)
Lifetime
Gain = −30 dB
Gain = 0 dB
7
>10 years
>10 years
10
>10 years
20,000 hours
20
>10 years
14 hours
23
>10 years
110 minutes
25
>7 years
60 minutes
REFLOW PROFILE
The ADRV9010 reflow profile is in accordance with the JEDEC
JESD20 criteria for Pb-free devices. The maximum reflow
temperature is 260°C.
THERMAL RESISTANCE
Thermal resistance values specified in Table 9 are calculated
based on JEDEC specifications (unless specified otherwise) and
should be used in compliance with JESD51-12. Note that using
enhanced heat removal techniques (PCB, heat sink, air flow,
and so forth) improves thermal resistance.
θJA is the natural convection junction to ambient thermal
resistance measured in a one cubic foot sealed enclosure.
θJC is the junction to case thermal resistance.
Table 9. Thermal Resistance Values
Package Type
θJA
θJC
Unit
BC-289-3
14.8
0.03
(°C/W)
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com