Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRV9010BBCZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADRV9010BBCZ
Description  Integrated, Quad RF Transceiver with Observation Path
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9010BBCZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADRV9010BBCZ Datasheet HTML 3Page - Analog Devices ADRV9010BBCZ Datasheet HTML 4Page - Analog Devices ADRV9010BBCZ Datasheet HTML 5Page - Analog Devices ADRV9010BBCZ Datasheet HTML 6Page - Analog Devices ADRV9010BBCZ Datasheet HTML 7Page - Analog Devices ADRV9010BBCZ Datasheet HTML 8Page - Analog Devices ADRV9010BBCZ Datasheet HTML 9Page - Analog Devices ADRV9010BBCZ Datasheet HTML 10Page - Analog Devices ADRV9010BBCZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 115 page
background image
Data Sheet
ADRV9010
Rev. E | Page 7 of 115
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
Frequency Response
Peak-to-Peak Gain
Deviation
1
dB
200 MHz bandwidth, includes
compensation by pFIR filter
0.2
dB
Any 20 MHz span, includes
compensation by pFIR filter
Rx Bandwidth
200
MHz
Rx Alias Band Rejection
80
dB
Due to digital filters
Maximum Useable
Input Level
PHIGH
This CW signal level corresponds to
the signal level seen at the matching
circuit input that produces −2 dBFS at
the digital output with 0 dB channel
attenuation
800 MHz
−12.7
dBm
1800 MHz
−12.2
dBm
2600 MHz
−12
dBm
3800 MHz
−12
dBm
4800 MHz
−11.3
dBm
5700 MHz
−10.3
dBm
Maximum Source VSWR
3
Input Impedance
ZIN
100
Ω
Differential
Input Port Return Loss
10
dB
Noise Figure
0 dB attenuation at Rx port
800 MHz
11
dB
1800 MHz
11.5
dB
2600 MHz
11.9
dB
3800 MHz
12
dB
4800 MHz
12.5
dB
5700 MHz
14.5
dB
Noise Figure Ripple
1.5
dB
At band edge
Second-Order Input
Intermodulation
Intercept Point
IIP2
0 dB attenuation, complex
800 MHz
65
dBm
1800 MHz
65
dBm
2600 MHz
68
dBm
3800 MHz
62
dBm
4800 MHz
58
dBm
5700 MHz
58
dBm
Third-Order Input
Intermodulation
Intercept Point,
Difference Product
Wideband
WB-IIP3DIFF
Two tones near the band edge; PHIGH
− 9 dB per tone
800 MHz
14.5
dBm
1800 MHz
17
dBm
2600 MHz
17
dBm
3800 MHz
16.5
dBm
4800 MHz
17
dBm
5700 MHz
18
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com