Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRV9010BBCZ Datasheet(PDF) 104 Page - Analog Devices

Part # ADRV9010BBCZ
Description  Integrated, Quad RF Transceiver with Observation Path
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9010BBCZ Datasheet(HTML) 104 Page - Analog Devices

Back Button ADRV9010BBCZ Datasheet HTML 100Page - Analog Devices ADRV9010BBCZ Datasheet HTML 101Page - Analog Devices ADRV9010BBCZ Datasheet HTML 102Page - Analog Devices ADRV9010BBCZ Datasheet HTML 103Page - Analog Devices ADRV9010BBCZ Datasheet HTML 104Page - Analog Devices ADRV9010BBCZ Datasheet HTML 105Page - Analog Devices ADRV9010BBCZ Datasheet HTML 106Page - Analog Devices ADRV9010BBCZ Datasheet HTML 107Page - Analog Devices ADRV9010BBCZ Datasheet HTML 108Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 115 page
background image
ADRV9010
Data Sheet
Rev. E | Page 104 of 115
10
20
30
40
50
60
70
80
90
TWO-TONE FREQUENCY SPACING (MHz)
–40°C, Rx1
–40°C, Rx2
–40°C, Rx3
–40°C, Rx4
+25°C, Rx1
+25°C, Rx2
+25°C, Rx3
+25°C, Rx4
+110°C, Rx1
+110°C, Rx2
+110°C, Rx3
+110°C, Rx4
Figure 456. Receiver IIP3, 2f2 − f1 vs. Two-Tone Frequency Spacing,
Both Tones at −11 dBFS, 0 dB Attenuation, f2 = 2 MHz
–60 –55 –50 –45 –40 –35 –30 –25 –20 –15 –10 –5
0
5
RECEIVER INPUT POWER (dBm)
–40°C, Rx1
+25°C, Rx1
+110°C, Rx1
–40°C, Rx2
+25°C, Rx2
+110°C, Rx2
–40°C, Rx3
+25°C, Rx3
+110°C, Rx3
–40°C, Rx4
+25°C, Rx4
+110°C, Rx4
Figure 457. Receiver Error Vector Magnitude vs. Receiver Input Power, 20 MHz
LTE Signal Centered at LO Frequency, Sample Rate = 245.76 MSPS,
Loop Filter Bandwidth = 500 kHz, Loop Filter Phase Margin = 60°
–150
–140
–130
–120
–110
–100
–90
–80
100
1k
10k
100k
1M
10M
FREQUENCY OFFSET (Hz)
Figure 458. LO Phase Noise vs. Frequency Offset, Loop Bandwidth = 75 kHz,
Phase Margin = 85°
–150
–140
–130
–120
–110
–100
–90
–80
100
1k
10k
100k
1M
10M
FREQUENCY OFFSET (Hz)
Figure 459. LO Phase Noise vs. Frequency Offset, Loop Bandwidth = 500 kHz,
Phase Margin = 60°
05
10
15
20
OBSERVATION RECEIVER ATTENUATION (dB)
–40°C, ORx1
–40°C, ORx2
–40°C, ORx3
–40°C, ORx4
+25°C, ORx1
+25°C, ORx2
+25°C, ORx3
+25°C, ORx4
+110°C, ORx1
+110°C, ORx2
+110°C, ORx3
+110°C, ORx4
Figure 460. Observation Receiver Integrated Noise Figure vs. Observation Receiver
Attenuation, 20 MHz Offset, 450 MHz Bandwidth, Sample Rate = 491.52 MSPS,
Integration Bandwidth = 500 kHz to 100 MHz
0
5
10
15
20
25
30
35
40
–250
–150
–50
50
150
250
BASEBAND OFFSET FREQUENCY (MHz)
–40°C
+25°C
+110°C
Figure 461. Observation Receiver Integrated Noise Figure vs. Baseband Offset
Frequency, 450 MHz Bandwidth, Sample Rate = 491.52 MSPS,
Integrated in 200 kHz Steps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com