Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS08 Datasheet(PDF) 168 Page - NXP Semiconductors

Part # HCS08
Description  Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Datasheet(HTML) 168 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 164Page - NXP Semiconductors HCS08 Datasheet HTML 165Page - NXP Semiconductors HCS08 Datasheet HTML 166Page - NXP Semiconductors HCS08 Datasheet HTML 167Page - NXP Semiconductors HCS08 Datasheet HTML 168Page - NXP Semiconductors HCS08 Datasheet HTML 169Page - NXP Semiconductors HCS08 Datasheet HTML 170Page - NXP Semiconductors HCS08 Datasheet HTML 171Page - NXP Semiconductors HCS08 Datasheet HTML 172Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 316 page
background image
Inter-Integrated Circuit (S08IICV2)
MC9S08SG8 MCU Series Data Sheet, Rev. 8
168
Freescale Semiconductor
11.3.3
IIC Control Register (IICC1)
11.3.4
IIC Status Register (IICS)
76
54
321
0
R
IICEN
IICIE
MST
TX
TXAK
000
W
RSTA
Reset
000
00
000
= Unimplemented or Reserved
Figure 11-5. IIC Control Register (IICC1)
Table 11-6. IICC1 Field Descriptions
Field
Description
7
IICEN
IIC Enable. The IICEN bit determines whether the IIC module is enabled.
0 IIC is not enabled
1 IIC is enabled
6
IICIE
IIC Interrupt Enable. The IICIE bit determines whether an IIC interrupt is requested.
0 IIC interrupt request not enabled
1 IIC interrupt request enabled
5
MST
Master Mode Select. The MST bit changes from a 0 to a 1 when a start signal is generated on the bus and
master mode is selected. When this bit changes from a 1 to a 0 a stop signal is generated and the mode of
operation changes from master to slave.
0Slave mode
1 Master mode
4
TX
Transmit Mode Select. The TX bit selects the direction of master and slave transfers. In master mode, this bit
should be set according to the type of transfer required. Therefore, for address cycles, this bit is always high.
When addressed as a slave, this bit should be set by software according to the SRW bit in the status register.
0 Receive
1 Transmit
3
TXAK
Transmit Acknowledge Enable. This bit specifies the value driven onto the SDA during data acknowledge
cycles for master and slave receivers.
0 An acknowledge signal is sent out to the bus after receiving one data byte
1 No acknowledge signal response is sent
2
RSTA
Repeat start. Writing a 1 to this bit generates a repeated start condition provided it is the current master. This
bit is always read as cleared. Attempting a repeat at the wrong time results in loss of arbitration.
76
54
321
0
RTCF
IAAS
BUSY
ARBL
0SRW
IICIF
RXAK
W
Reset
100
00
000
= Unimplemented or Reserved
Figure 11-6. IIC Status Register (IICS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com