Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS08 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # HCS08
Description  Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 20Page - NXP Semiconductors HCS08 Datasheet HTML 21Page - NXP Semiconductors HCS08 Datasheet HTML 22Page - NXP Semiconductors HCS08 Datasheet HTML 23Page - NXP Semiconductors HCS08 Datasheet HTML 24Page - NXP Semiconductors HCS08 Datasheet HTML 25Page - NXP Semiconductors HCS08 Datasheet HTML 26Page - NXP Semiconductors HCS08 Datasheet HTML 27Page - NXP Semiconductors HCS08 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 316 page
background image
Chapter 1 Device Overview
MC9S08SG8 MCU Series Data Sheet, Rev. 8
24
Freescale Semiconductor
1.3
System Clock Distribution
Figure 1-2 shows a simplified clock connection diagram. Some modules in the MCU have selectable clock
inputs as shown. The clock inputs to the modules indicate the clock(s) that are used to drive the module
function.
The following defines the clocks used in this MCU:
•
BUSCLK — The frequency of the bus is always half of ICSOUT.
•
ICSOUT — Primary output of the ICS and is twice the bus frequency.
•
ICSLCLK — Development tools can select this clock source to speed up BDC communications in
systems where the bus clock is configured to run at a very slow frequency.
•
ICSERCLK — External reference clock can be selected as the RTC clock source and as the
alternate clock for the ADC module.
•
ICSIRCLK — Internal reference clock can be selected as the RTC clock source.
•
ICSFFCLK — Fixed frequency clock can be selected as clock source for the TPM1, TPM2 and
MTIM modules.
•
LPOCLK — Independent 1-kHz clock source that can be selected as the clock source for the COP
and RTC modules.
•
TCLK — External input clock source for TPM1, TPM2 and MTIM and is referenced as TPMCLK
in TPM chapters.
Figure 1-2. System Clock Distribution Diagram
TPM1
TPM2
MTIM
SCI
BDC
CPU
ADC
IIC
FLASH
ICS
ICSOUT
2 BUSCLK
ICSLCLK
ICSERCLK
COP
* The fixed frequency clock (FFCLK) is internally
synchronized to the bus clock and must not exceed one
half of the bus clock frequency.
FLASH has frequency
requirements for program
and erase operation. See
the electricals appendix
for details.
ADC has min and max
frequency requirements.
See the ADC chapter
and electricals appendix
for details.
XOSC
EXTAL
XTAL
SPI
FFCLK*
ICSFFCLK
RTC
1 kHZ
LPO
TCLK
ICSIRCLK
2
SYNC*
LPOCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com