Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS08 Datasheet(PDF) 70 Page - NXP Semiconductors

Part # HCS08
Description  Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Datasheet(HTML) 70 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 66Page - NXP Semiconductors HCS08 Datasheet HTML 67Page - NXP Semiconductors HCS08 Datasheet HTML 68Page - NXP Semiconductors HCS08 Datasheet HTML 69Page - NXP Semiconductors HCS08 Datasheet HTML 70Page - NXP Semiconductors HCS08 Datasheet HTML 71Page - NXP Semiconductors HCS08 Datasheet HTML 72Page - NXP Semiconductors HCS08 Datasheet HTML 73Page - NXP Semiconductors HCS08 Datasheet HTML 74Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 316 page
background image
Chapter 5 Resets, Interrupts, and General System Control
MC9S08SG8 MCU Series Data Sheet, Rev. 8
70
Freescale Semiconductor
5.7.3
System Options Register 1 (SOPT1)
This high page register is a write-once register so only the first write after reset is honored. It can be read
at any time. Any subsequent attempt to write to SOPT1 (intentionally or unintentionally) is ignored to
avoid accidental changes to these sensitive settings. SOPT1 should be written during the user’s reset
initialization program to set the desired controls even if the desired settings are the same as the reset
settings.
76
5
4
1
1 NOTE: Bit 4 is reserved. Writes change the value, but have no effect on this MCU.
321
0
R
COPT
STOPE
0
IICPS
00
W
Reset:
110
00
000
= Unimplemented or Reserved
Figure 5-4. System Options Register 1 (SOPT1)
Table 5-5. SOPT1 Register Field Descriptions
Field
Description
7:6
COPT[1:0]
COP Watchdog Timeout — These write-once bits select the timeout period of the COP. COPT along with
COPCLKS in SOPT2 defines the COP timeout period. See Table 5-1.
5
STOPE
Stop Mode Enable — This write-once bit is used to enable stop mode. If stop mode is disabled and a user
program attempts to execute a STOP instruction, an illegal opcode reset is forced.
0 Stop mode disabled.
1 Stop mode enabled.
2
IICPS
IIC Pin Select — This bit selects the location of the SDA and SCL pins of the IIC module.
0 SDA on PTA2, SCL on PTA3.
1 SDA on PTB6, SCL on PTB7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com