Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS08 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # HCS08
Description  Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Datasheet(HTML) 3 Page - NXP Semiconductors

  HCS08 Datasheet HTML 1Page - NXP Semiconductors HCS08 Datasheet HTML 2Page - NXP Semiconductors HCS08 Datasheet HTML 3Page - NXP Semiconductors HCS08 Datasheet HTML 4Page - NXP Semiconductors HCS08 Datasheet HTML 5Page - NXP Semiconductors HCS08 Datasheet HTML 6Page - NXP Semiconductors HCS08 Datasheet HTML 7Page - NXP Semiconductors HCS08 Datasheet HTML 8Page - NXP Semiconductors HCS08 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 316 page
background image
8-Bit HCS08 Central Processor Unit (CPU)
• 40 MHz HCS08 CPU (central processor unit)
• 36 MHz HCS08 CPU for temperatures greater
than 125
C
• HC08 instruction set with added BGND instruction
• Support for up to 32 interrupt/reset sources
On-Chip Memory
• Flash read/program/erase over full operating
voltage and temperature
• Random-access memory (RAM)
Power-Saving Modes
• Two very low power stop modes
• Reduced power wait mode
• Very low power real time interrupt for use in run,
wait, and stop
Clock Source Options
• Oscillator (XOSC) — Loop-control Pierce
oscillator; Crystal or ceramic resonator range of
31.25 kHz to 38.4 kHz or 1 MHz to 16MHz
• Internal Clock Source (ICS) — Internal clock
source module containing a frequency-locked
loop (FLL) controlled by internal or external
reference; precision trimming of internal reference
allows 0.2% resolution and 1.5% deviation over
temperature –40 to 125
C or 3% deviation for
temperature > 125
C and voltage; supports bus
frequencies from 2 MHz to 20MHz.
System Protection
• Watchdog computer operating properly (COP)
reset with option to run from dedicated 1-kHz
internal clock source or bus clock
• Low-voltage detection with reset or interrupt;
selectable trip points
• Illegal opcode detection with reset
• Illegal address detection with reset
• FLASH block protect
Development Support
• Single-wire background debug interface
• Breakpoint capability to allow single breakpoint
setting during in-circuit debugging (plus two more
breakpoints in on-chip debug module)
• On-chip, in-circuit emulation (ICE) debug module
containing two comparators and nine trigger
modes. Eight deep FIFO for storing
change-of-flow address and event-only data.
Debug module supports both tag and force
breakpoints.
Peripherals
• ADC — 12-channel, 10-bit resolution, 2.5
s
conversion time, automatic compare function,
temperature sensor, internal bandgap reference
channel; runs in stop3
• ACMP — Analog comparator with selectable
interrupt on rising, falling, or either edge of
comparator output; compare option to fixed
internal bandgap reference voltage; output can be
optionally routed to TPM module; runs in stop3
• SCI — Full duplex non-return to zero (NRZ); LIN
master extended break generation; LIN slave
extended break detection; wake up on active edge
• SPI — Full-duplex or single-wire bidirectional;
Double-buffered transmit and receive; Master or
Slave mode; MSB-first or LSB-first shifting
• IIC — Up to 100 kbps with maximum bus loading;
Multi-master operation; Programmable slave
address; Interrupt driven byte-by-byte data
transfer; supports broadcast mode and 10-bit
addressing
• MTIM — 8-bit modulo counter with 8-bit prescaler
and overflow interrupt
• TPMx — Two 2-channel timer pwm modules
(TPM1, TPM2); Selectable input capture, output
compare, or buffered edge- or center-aligned
PWM on each channel
• RTC — (Real-time counter) 8-bit modulus counter
with binary or decimal based prescaler; External
clock source for precise time base, time-of-day,
calendar or task scheduling functions; Free
running on-chip low power oscillator (1 kHz) for
cyclic wake-up without external components, runs
in all MCU modes
Input/Output
• 16 general purpose I/O pins (GPIOs)
• 8 interrupt pins with selectable polarity
• Ganged output option for PTB[5:2] and PTC[3:0];
allows single write to change state of multiple pins
• Hysteresis and configurable pull up device on all
input pins; Configurable slew rate and drive
strength on all output pins.
Package Options
• 20-TSSOP (not available on high-temperature
rated devices)
•16-TSSOP
• 8-SOIC (not available on high-temperature rated
devices)
MC9S08SG8 Features



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com