Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS08 Datasheet(PDF) 71 Page - NXP Semiconductors

Part # HCS08
Description  Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 67Page - NXP Semiconductors HCS08 Datasheet HTML 68Page - NXP Semiconductors HCS08 Datasheet HTML 69Page - NXP Semiconductors HCS08 Datasheet HTML 70Page - NXP Semiconductors HCS08 Datasheet HTML 71Page - NXP Semiconductors HCS08 Datasheet HTML 72Page - NXP Semiconductors HCS08 Datasheet HTML 73Page - NXP Semiconductors HCS08 Datasheet HTML 74Page - NXP Semiconductors HCS08 Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 316 page
background image
Chapter 5 Resets, Interrupts, and General System Control
MC9S08SG8 MCU Series Data Sheet, Rev. 8
Freescale Semiconductor
71
5.7.4
System Options Register 2 (SOPT2)
This high page register contains bits to configure MCU specific features on the MC9S08SG8 devices.
76
54
321
0
R
COPCLKS1
1 This bit can be written only one time after reset. Additional writes are ignored.
COPW1
0
ACIC
00
T1CH1PS
T1CH0PS
W
Reset:
000
00
000
= Unimplemented or Reserved
Figure 5-5. System Options Register 2 (SOPT2)
Table 5-6. SOPT2 Register Field Descriptions
Field
Description
7
COPCLKS
COP Watchdog Clock Select — This write-once bit selects the clock source of the COP watchdog.
0 Internal 1-kHz clock is source to COP.
1 Bus clock is source to COP.
6
COPW
COP Window — This write-once bit selects the COP operation mode. When set, the 0x55-0xAA write sequence
to the SRS register must occur in the last 25% of the selected period. Any write to the SRS register during the
first 75% of the selected period will reset the MCU.
0 Normal COP operation
1 Window COP operation (only if COPCLKS = 1)
4
ACIC
Analog Comparator to Input Capture Enable— This bit connects the output of ACMP to TPM1 input channel 0.
0 ACMP output not connected to TPM1 input channel 0.
1 ACMP output connected to TPM1 input channel 0.
1
T1CH1PS
TPM1CH1 Pin Select— This bit selects the location of the TPM1CH1 pin of the TPM1 module.
0 TPM1CH1 on PTB5.
1 TPM1CH1 on PTC1.
0
T1CH0PS
TPM1CH0 Pin Select— This bit selects the location of the TPM1CH0 pin of the TPM1 module.
0 TPM1CH0 on PTA0.
1 TPM1CH0 on PTC0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com