Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS08 Datasheet(PDF) 78 Page - NXP Semiconductors

Part # HCS08
Description  Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Datasheet(HTML) 78 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 74Page - NXP Semiconductors HCS08 Datasheet HTML 75Page - NXP Semiconductors HCS08 Datasheet HTML 76Page - NXP Semiconductors HCS08 Datasheet HTML 77Page - NXP Semiconductors HCS08 Datasheet HTML 78Page - NXP Semiconductors HCS08 Datasheet HTML 79Page - NXP Semiconductors HCS08 Datasheet HTML 80Page - NXP Semiconductors HCS08 Datasheet HTML 81Page - NXP Semiconductors HCS08 Datasheet HTML 82Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 316 page
background image
Chapter 6 Parallel Input/Output Control
MC9S08SG8 MCU Series Data Sheet, Rev. 8
78
Freescale Semiconductor
6.4
Pin Interrupts
Port A[3:0] and port B[3:0] pins can be configured as external interrupt inputs and as an external means
of waking the MCU from stop3 or wait low-power modes.
The block diagram for the pin interrupts is shown Figure 6-2.
Figure 6-2. Pin Interrupt Block Diagram
Writing to the PTxPSn bits in the port interrupt pin enable register (PTxPS) independently enables or
disables each port pin interrupt. Each port can be configured as edge sensitive or edge and level sensitive
based on the PTxMOD bit in the port interrupt status and control register (PTxSC). Edge sensitivity can be
software programmed to be either falling or rising; the level can be either low or high. The polarity of the
edge or edge and level sensitivity is selected using the PTxESn bits in the port interrupt edge select register
(PTxES).
Synchronous logic is used to detect edges. Prior to detecting an edge, enabled pin interrupt inputs must be
at the deasserted logic level. A falling edge is detected when an enabled port input signal is seen as a logic
1 (the deasserted level) during one bus cycle and then a logic 0 (the asserted level) during the next cycle.
A rising edge is detected when the input signal is seen as a logic 0 during one bus cycle and then a logic 1
during the next cycle.
6.4.1
Edge Only Sensitivity
A valid edge on an enabled pin interrupt will set PTxIF in PTxSC. If PTxIE in PTxSC is set, an interrupt
request will be presented to the CPU. Clearing of PTxIF is accomplished by writing a 1 to PTxACK in
PTxSC.
6.4.2
Edge and Level Sensitivity
A valid edge or level on an enabled pin interrupt will set PTxIF in PTxSC. If PTxIE in PTxSC is set, an
interrupt request will be presented to the CPU. Clearing of PTxIF is accomplished by writing a 1 to
PTxACK in PTxSC provided all enabled pin interrupt inputs are at their deasserted levels. PTxIF will
remain set if any enabled pin interrupt is asserted while attempting to clear by writing a 1 to PTxACK.
PTxESn
DQ
CK
CLR
VDD
PTxMOD
PTxIE
PORT
INTERRUPT FF
PTxACK
RESET
SYNCHRONIZER
PTxIF
STOP BYPASS
STOP
BUSCLK
PTxPSn
0
1
S
PTxPS0
0
1
S
PTxES0
PIxn
PIx
n
PTx
INTERRUPT
REQUEST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com