Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS08 Datasheet(PDF) 73 Page - NXP Semiconductors

Part # HCS08
Description  Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Datasheet(HTML) 73 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 69Page - NXP Semiconductors HCS08 Datasheet HTML 70Page - NXP Semiconductors HCS08 Datasheet HTML 71Page - NXP Semiconductors HCS08 Datasheet HTML 72Page - NXP Semiconductors HCS08 Datasheet HTML 73Page - NXP Semiconductors HCS08 Datasheet HTML 74Page - NXP Semiconductors HCS08 Datasheet HTML 75Page - NXP Semiconductors HCS08 Datasheet HTML 76Page - NXP Semiconductors HCS08 Datasheet HTML 77Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 316 page
background image
Chapter 5 Resets, Interrupts, and General System Control
MC9S08SG8 MCU Series Data Sheet, Rev. 8
Freescale Semiconductor
73
5.7.6
System Power Management Status and Control 1 Register
(SPMSC1)
This high page register contains status and control bits to support the low voltage detect function, and to
enable the bandgap voltage reference for use by the ADC module.
Figure 5-8. System Power Management Status and Control 1 Register (SPMSC1)
76
54
321
0
RLVWF1
1 LVWF will be set in the case when V
Supply transitions below the trip point or after reset and VSupply is already below VLVW
0
LVWIE
LVDRE
LVDSE
LVDE
0
BGBE
W
LVWACK
Reset:
000
11
100
= Unimplemented or Reserved
Table 5-9. SPMSC1 Register Field Descriptions
Field
Description
7
LVWF
Low-Voltage Warning Flag — The LVWF bit indicates the low voltage warning status.
0 Low voltage warning is not present.
1 Low voltage warning is present or was present.
6
LVWACK
Low-Voltage Warning Acknowledge — The LVWF bit indicates the low voltage warning status.Writing a 1 to
LVWACK clears LVWF to a 0 if a low voltage warning is not present.
5
LVWIE
Low-Voltage Warning Interrupt Enable — This bit enables hardware interrupt requests for LVWF.
0 Hardware interrupt disabled (use polling).
1 Request a hardware interrupt when LVWF = 1.
4
LVDRE
Low-Voltage Detect Reset Enable — This write-once bit enables LVD events to generate a hardware reset
(provided LVDE = 1).
0 LVD events do not generate hardware resets.
1 Force an MCU reset when an enabled low-voltage detect event occurs.
3
LVDSE
Low-Voltage Detect Stop Enable — Provided LVDE = 1, this control bit determines whether the low-voltage
detect function operates when the MCU is in stop mode.
0 Low-voltage detect disabled during stop mode.
1 Low-voltage detect enabled during stop mode.
2
LVDE
Low-Voltage Detect Enable — This write-once bit enables low-voltage detect logic and qualifies the operation
of other bits in this register.
0 LVD logic disabled.
1 LVD logic enabled.
0
BGBE
Bandgap Buffer Enable — This bit enables an internal buffer for the bandgap voltage reference for use by the
ADC module on one of its internal channels or ACMP on its ACMP+ input.
0 Bandgap buffer disabled.
1 Bandgap buffer enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com