Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS08 Datasheet(PDF) 31 Page - NXP Semiconductors

Part # HCS08
Description  Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 27Page - NXP Semiconductors HCS08 Datasheet HTML 28Page - NXP Semiconductors HCS08 Datasheet HTML 29Page - NXP Semiconductors HCS08 Datasheet HTML 30Page - NXP Semiconductors HCS08 Datasheet HTML 31Page - NXP Semiconductors HCS08 Datasheet HTML 32Page - NXP Semiconductors HCS08 Datasheet HTML 33Page - NXP Semiconductors HCS08 Datasheet HTML 34Page - NXP Semiconductors HCS08 Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 316 page
background image
Chapter 2 Pins and Connections
MC9S08SG8 MCU Series Data Sheet, Rev. 8
Freescale Semiconductor
31
Pin Number
Priority
20-pin
16-pin
8-pin
Port Pin
Alt 1
Alt 2
Alt 3
Alt 4
Alt5
11
1
RESET
2
2
2
BKGD
MS
33
3
VDD
44
4
VSS
55
—
PTB7
SCL1
1 IIC pins can be repositioned using IICPS in SOPT2, default reset locations are on PTA2 and PTA3.
EXTAL
66
—
PTB6
SDA1
XTAL
77
—
PTB5
TPM1CH12
2 TPM1CHx pins can be repositioned using TPM1PS in SOPT2, default reset locations are on PTA0 and
PTB5.
SS
PTC03
3 This port pin is part of the ganged output feature. When pin is enabled for ganged output, it will have priority
over all digital modules. The output data, drive strength and slew-rate control of this port pin will follow the
configuration for the PTC0 pin, even in 16-pin packages where PTC0 doesn’t bond out. Ganged output not
available in 8-pin packages.
8
8
—
PTB4
TPM2CH1
MISO
PTC03
9—
—
PTC3
PTC03
ADP11
10
—
—
PTC2
PTC03
ADP10
11
—
—
PTC1
TPM1CH12
PTC03
ADP9
12
—
—
PTC0
TPM1CH02
PTC03
ADP8
13
9
—
PTB3
PIB3
MOSI
PTC03
ADP7
14
10
—
PTB2
PIB2
SPSCK
PTC03
ADP6
15
11
—
PTB1
PIB1
TxD
ADP5
16
12
—
PTB0
PIB0
RxD
ADP4
17
13
5
PTA3
PIA3
SCL1
ADP3
18
14
6
PTA2
PIA2
SDA1
ADP2
ACMPO
19
15
7
PTA1
PIA1
TPM2CH0
ADP14
4 If ACMP and ADC are both enabled, both will have access to the pin.
ACMP–4
20
16
8
PTA0
PIA0
TPM1CH02
TCLK
ADP04
ACMP+4
Lowest
Highest
Table 2-1. Pin Availability by Package Pin-Count



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com