Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS08 Datasheet(PDF) 80 Page - NXP Semiconductors

Part # HCS08
Description  Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Datasheet(HTML) 80 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 76Page - NXP Semiconductors HCS08 Datasheet HTML 77Page - NXP Semiconductors HCS08 Datasheet HTML 78Page - NXP Semiconductors HCS08 Datasheet HTML 79Page - NXP Semiconductors HCS08 Datasheet HTML 80Page - NXP Semiconductors HCS08 Datasheet HTML 81Page - NXP Semiconductors HCS08 Datasheet HTML 82Page - NXP Semiconductors HCS08 Datasheet HTML 83Page - NXP Semiconductors HCS08 Datasheet HTML 84Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 316 page
background image
Chapter 6 Parallel Input/Output Control
MC9S08SG8 MCU Series Data Sheet, Rev. 8
80
Freescale Semiconductor
6.6.1
Port A Registers
Port A is controlled by the registers listed below.
6.6.1.1
Port A Data Register (PTAD)
6.6.1.2
Port A Data Direction Register (PTADD)
76
54
321
0
R
00
R
R
PTAD3
PTAD2
PTAD1
PTAD0
W
Reset:
000
00
000
Figure 6-3. Port A Data Register (PTAD)
Table 6-2. PTAD Register Field Descriptions
Field
Description
5:4
Reserved
Reserved Bits — These bits are unused on this MCU, writes have no affect and could read as 1s or 0s.
3:0
PTAD[3:0]
Port A Data Register Bits — For port A pins that are inputs, reads return the logic level on the pin. For port A
pins that are configured as outputs, reads return the last value written to this register.
Writes are latched into all bits of this register. For port A pins that are configured as outputs, the logic level is
driven out the corresponding MCU pin.
Reset forces PTAD to all 0s, but these 0s are not driven out the corresponding pins because reset also configures
all port pins as high-impedance inputs with pull-ups/pull-downs disabled.
76
54
321
0
R
00
R
R
PTADD3
PTADD2
PTADD1
PTADD0
W
Reset:
000
00
000
Figure 6-4. Port A Data Direction Register (PTADD)
Table 6-3. PTADD Register Field Descriptions
Field
Description
5:4
Reserved
Reserved Bits — These bits are unused on this MCU, writes have no affect and could read as 1s or 0s.
3:0
PTADD[3:0]
Data Direction for Port A Bits — These read/write bits control the direction of port A pins and what is read for
PTAD reads.
0 Input (output driver disabled) and reads return the pin value.
1 Output driver enabled for port A bit n and PTAD reads return the contents of PTADn.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com