Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS08 Datasheet(PDF) 82 Page - NXP Semiconductors

Part # HCS08
Description  Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Datasheet(HTML) 82 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 78Page - NXP Semiconductors HCS08 Datasheet HTML 79Page - NXP Semiconductors HCS08 Datasheet HTML 80Page - NXP Semiconductors HCS08 Datasheet HTML 81Page - NXP Semiconductors HCS08 Datasheet HTML 82Page - NXP Semiconductors HCS08 Datasheet HTML 83Page - NXP Semiconductors HCS08 Datasheet HTML 84Page - NXP Semiconductors HCS08 Datasheet HTML 85Page - NXP Semiconductors HCS08 Datasheet HTML 86Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 316 page
background image
Chapter 6 Parallel Input/Output Control
MC9S08SG8 MCU Series Data Sheet, Rev. 8
82
Freescale Semiconductor
6.6.1.5
Port A Drive Strength Selection Register (PTADS)
6.6.1.6
Port A Interrupt Status and Control Register (PTASC)
76
54
321
0
R
00
R
R
PTADS3
PTADS2
PTADS1
PTADS0
W
Reset:
000
00
000
Figure 6-7. Drive Strength Selection for Port A Register (PTADS)
Table 6-6. PTADS Register Field Descriptions
Field
Description
5:4
Reserved
Reserved Bits — These bits are unused on this MCU, writes have no affect and could read as 1s or 0s.
3:0
PTADS[3:0]
Output Drive Strength Selection for Port A Bits — Each of these control bits selects between low and high
output drive for the associated PTA pin. For port A pins that are configured as inputs, these bits have no effect.
0 Low output drive strength selected for port A bit n.
1 High output drive strength selected for port A bit n.
76
54
321
0
R
000
0
PTAIF
0
PTAIE
PTAMOD
W
PTAACK
Reset:
000
00
000
Figure 6-8. Port A Interrupt Status and Control Register (PTASC)
Table 6-7. PTASC Register Field Descriptions
Field
Description
3
PTAIF
Port A Interrupt Flag — PTAIF indicates when a port A interrupt is detected. Writes have no effect on PTAIF.
0 No port A interrupt detected.
1 Port A interrupt detected.
2
PTAACK
Port A Interrupt Acknowledge — Writing a 1 to PTAACK is part of the flag clearing mechanism. PTAACK always
reads as 0.
1
PTAIE
Port A Interrupt Enable — PTAIE determines whether a port A interrupt is requested.
0 Port A interrupt request not enabled.
1 Port A interrupt request enabled.
0
PTAMOD
Port A Detection Mode — PTAMOD (along with the PTAES bits) controls the detection mode of the port A
interrupt pins.
0 Port A pins detect edges only.
1 Port A pins detect both edges and levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com