Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS08 Datasheet(PDF) 72 Page - NXP Semiconductors

Part # HCS08
Description  Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Datasheet(HTML) 72 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 68Page - NXP Semiconductors HCS08 Datasheet HTML 69Page - NXP Semiconductors HCS08 Datasheet HTML 70Page - NXP Semiconductors HCS08 Datasheet HTML 71Page - NXP Semiconductors HCS08 Datasheet HTML 72Page - NXP Semiconductors HCS08 Datasheet HTML 73Page - NXP Semiconductors HCS08 Datasheet HTML 74Page - NXP Semiconductors HCS08 Datasheet HTML 75Page - NXP Semiconductors HCS08 Datasheet HTML 76Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 316 page
background image
Chapter 5 Resets, Interrupts, and General System Control
MC9S08SG8 MCU Series Data Sheet, Rev. 8
72
Freescale Semiconductor
5.7.5
System Device Identification Register (SDIDH, SDIDL)
These high page read-only registers are included so host development systems can identify the HCS08
derivative and revision number. This allows the development software to recognize where specific
memory blocks, registers, and control bits are located in a target MCU.
Figure 5-6. System Device Identification Register — High (SDIDH)
76
54
321
0
R1
ID11
ID10
ID9
ID8
W
Reset:
11
1 - Bit 7 is a mask option tie off that is used internally to determine that the device is a MC9S08SG8.
—
—
—
0
000
= Unimplemented or Reserved
Table 5-7. SDIDH Register Field Descriptions
Field
Description
7
Bit 7 will read as a 1 for the MC9S08SG8 devices; writes have no effect.
6:4
Reserved
Bits 6:4 are reserved. Reading these bits will result in an indeterminate value; writes have no effect.
3:0
ID[11:8]
Part Identification Number — Each derivative in the HCS08 Family has a unique identification number. The
MC9S08SG8 is hard coded to the value 0x014. See also ID bits in Table 5-8.
76
54
321
0
R
ID7
ID6
ID5
ID4
ID3
ID2
ID1
ID0
W
Reset:
000
10
100
= Unimplemented or Reserved
Figure 5-7. System Device Identification Register — Low (SDIDL)
Table 5-8. SDIDL Register Field Descriptions
Field
Description
7:0
ID[7:0]
Part Identification Number — Each derivative in the HCS08 Family has a unique identification number. The
MC9S08SG8 is hard coded to the value 0x014. See also ID bits in Table 5-7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com