Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS08 Datasheet(PDF) 56 Page - NXP Semiconductors

Part # HCS08
Description  Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 52Page - NXP Semiconductors HCS08 Datasheet HTML 53Page - NXP Semiconductors HCS08 Datasheet HTML 54Page - NXP Semiconductors HCS08 Datasheet HTML 55Page - NXP Semiconductors HCS08 Datasheet HTML 56Page - NXP Semiconductors HCS08 Datasheet HTML 57Page - NXP Semiconductors HCS08 Datasheet HTML 58Page - NXP Semiconductors HCS08 Datasheet HTML 59Page - NXP Semiconductors HCS08 Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 316 page
background image
Chapter 4 Memory
MC9S08SG8 MCU Series Data Sheet, Rev. 8
56
Freescale Semiconductor
control registers (FOPT, FPROT) at reset. There is also an 8-byte comparison key in FLASH memory.
Refer to Table 4-3 and Table 4-4 for the absolute address assignments for all FLASH registers. This
section refers to registers and control bits only by their names. A Freescale Semiconductor-provided
equate or header file normally is used to translate these names into the appropriate absolute addresses.
4.7.1
FLASH Clock Divider Register (FCDIV)
Bit 7 of this register is a read-only flag. Bits 6:0 may be read at any time but can be written only one time.
Before any erase or programming operations are possible, write to this register to set the frequency of the
clock for the nonvolatile memory system within acceptable limits.
if PRDIV8 = 0 — fFCLK = fBus  (DIV + 1)
Eqn. 4-1
if PRDIV8 = 1 — fFCLK = fBus  (8  (DIV + 1))
Eqn. 4-2
Table 4-7 shows the appropriate values for PRDIV8 and DIV for selected bus frequencies.
76
54
321
0
RDIVLD
PRDIV8
DIV
W
Reset
000
00
000
= Unimplemented or Reserved
Figure 4-5. FLASH Clock Divider Register (FCDIV)
Table 4-6. FCDIV Register Field Descriptions
Field
Description
7
DIVLD
Divisor Loaded Status Flag — When set, this read-only status flag indicates that the FCDIV register has been
written since reset. Reset clears this bit and the first write to this register causes this bit to become set regardless
of the data written.
0 FCDIV has not been written since reset; erase and program operations disabled for FLASH.
1 FCDIV has been written since reset; erase and program operations enabled for FLASH.
6
PRDIV8
Prescale (Divide) FLASH Clock by 8
0 Clock input to the FLASH clock divider is the bus rate clock.
1 Clock input to the FLASH clock divider is the bus rate clock divided by 8.
5:0
DIV
Divisor for FLASH Clock Divider — The FLASH clock divider divides the bus rate clock (or the bus rate clock
divided by 8 if PRDIV8 = 1) by the value in the 6-bit DIV field plus one. The resulting frequency of the internal
FLASH clock must fall within the range of 200 kHz to 150 kHz for proper FLASH operations. Program/Erase
timing pulses are one cycle of this internal FLASH clock which corresponds to a range of 5
s to 6.7 s. The
automated programming logic uses an integer number of these pulses to complete an erase or program
operation. See Equation 4-1 and Equation 4-2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com