Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS08 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # HCS08
Description  Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 2Page - NXP Semiconductors HCS08 Datasheet HTML 3Page - NXP Semiconductors HCS08 Datasheet HTML 4Page - NXP Semiconductors HCS08 Datasheet HTML 5Page - NXP Semiconductors HCS08 Datasheet HTML 6Page - NXP Semiconductors HCS08 Datasheet HTML 7Page - NXP Semiconductors HCS08 Datasheet HTML 8Page - NXP Semiconductors HCS08 Datasheet HTML 9Page - NXP Semiconductors HCS08 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 316 page
background image
MC9S08SG8 MCU Series Data Sheet, Rev. 8
6
Freescale Semiconductor
© Freescale Semiconductor, Inc., 2006-2014. All rights reserved.
This product incorporates SuperFlashTechnology licensed from SST.
Revision History
To provide the most up-to-date information, the revision of our documents on the World Wide Web will be
the most current. Your printed copy may be an earlier revision. To verify you have the latest information
available, refer to:
http://freescale.com/
The following revision history table summarizes changes contained in this document.
Revision
Number
Revision
Date
Description of Changes
0
15 Dec 2006
Initial alpha customer release version; Preliminary
1
June 2007
Samples Draft. Updated book with the latest TPM v3 module. Includes some
minor edits to the IIC module to update the Module Quick Start. Fixed the
SOPT1 bits 1 and 0 to be RESERVED for both READ and WRITE. Changed all
the Reset states of the Slew Rate Enable Registers (PTASE, PTBSE, and
PTCSE) bits from 1 to 0 due to silicon functional change.
2
11/2007
Market Launch. Updated the Electricals and Device Numbering scheme informa-
tion.
3
12/2007
• Fixed typos: Chapter 7 heading corrected version to v2, and Figure 16-1. title
corrected to read ...”TPM Modules Highlighted.”
• Table A-3. Thermal Characteristics row 1, V and M entries were transposed. V
now refers to value -40 to 105C and M now refers to value -40 to 125C. Added
row 2, parameter classification of “D” and row 4 symbol of ”JA.”
• Table A-6. DC Characteristics, row 8 Input Hysteresis, corrected units from mV
to V.
43/2008
• SPI block corrected to be version 3 of the module.
• Temperature Sensor values corrected to reflect the ADC 5V in Section 9.1.4
Temperature Sensor and Table A-12. ADC Characteristics.
• Provided Maximum juncture temperature for C, V, and M Temperature ranges.
• Corrected Table A-6, row 10 separated to two pins: PTB6/SDA/XTAL, RESET.
• Corrected block diagrams User Flash and User RAM listing typos to be SG8
and SG4 instead of SH8 and SH4.
• Updated the Revision History for Revision Number 1 to include the information
on the Slew Rate Enable Register changes that occurred for that revision.
5
6/2008
• Added ICS over Temperature graph to Electricals appendix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com