Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS08 Datasheet(PDF) 47 Page - NXP Semiconductors

Part # HCS08
Description  Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 43Page - NXP Semiconductors HCS08 Datasheet HTML 44Page - NXP Semiconductors HCS08 Datasheet HTML 45Page - NXP Semiconductors HCS08 Datasheet HTML 46Page - NXP Semiconductors HCS08 Datasheet HTML 47Page - NXP Semiconductors HCS08 Datasheet HTML 48Page - NXP Semiconductors HCS08 Datasheet HTML 49Page - NXP Semiconductors HCS08 Datasheet HTML 50Page - NXP Semiconductors HCS08 Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 316 page
background image
Chapter 4 Memory
MC9S08SG8 MCU Series Data Sheet, Rev. 8
Freescale Semiconductor
47
Nonvolatile FLASH registers, shown in Table 4-4, are located in the FLASH memory. These registers
include an 8-byte backdoor key, NVBACKKEY, which can be used to gain access to secure memory
resources. During reset events, the contents of NVPROT and NVOPT in the nonvolatile register area of
the FLASH memory are transferred into corresponding FPROT and FOPT working registers in the
high-page registers to control security and block protection options.
Provided the key enable (KEYEN) bit is 1, the 8-byte comparison key can be used to temporarily
disengage memory security. This key mechanism can be accessed only through user code running in secure
memory. (A security key cannot be entered directly through background debug commands.) This security
key can be disabled completely by programming the KEYEN bit to 0. If the security key is disabled, the
only way to disengage security is by mass erasing the FLASH if needed (normally through the background
debug interface) and verifying that FLASH is blank. To avoid returning to secure mode after the next reset,
program the security bits (SEC) to the unsecured state (1:0).
Table 4-4. Nonvolatile Register Summary
Address
Register Name
Bit 7
654321
Bit 0
0xFFAE
Reserved for 
storage of FTRIM
—
—
—
—
—
—
—FTRIM
0xFFAF
Reserved for 
storage of ICSTRM
TRIM
0xFFB0 –
0xFFB7
NVBACKKEY
8-Byte Comparison Key
0xFFB8 –
0xFFBC
Reserved
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0xFFBD
NVPROT
FPS
FPDIS
0xFFBE
Reserved
—
—
—
—
—
—
—
—
0xFFBF
NVOPT
KEYEN
FNORED
—
—
—
—
SEC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com