Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS08 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # HCS08
Description  Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 23Page - NXP Semiconductors HCS08 Datasheet HTML 24Page - NXP Semiconductors HCS08 Datasheet HTML 25Page - NXP Semiconductors HCS08 Datasheet HTML 26Page - NXP Semiconductors HCS08 Datasheet HTML 27Page - NXP Semiconductors HCS08 Datasheet HTML 28Page - NXP Semiconductors HCS08 Datasheet HTML 29Page - NXP Semiconductors HCS08 Datasheet HTML 30Page - NXP Semiconductors HCS08 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 316 page
background image
Chapter 2 Pins and Connections
MC9S08SG8 MCU Series Data Sheet, Rev. 8
Freescale Semiconductor
27
2.2
Recommended System Connections
Figure 2-4 shows pin connections that are common to MC9S08SG8 application systems.
Figure 2-4. Basic System Connections
2.2.1
Power
VDD and VSS are the primary power supply pins for the MCU. This voltage source supplies power to all
I/O buffer circuitry, ACMP and ADC modules, and to an internal voltage regulator. The internal voltage
regulator provides regulated lower-voltage source to the CPU and other internal circuitry of the MCU.
Typically, application systems have two separate capacitors across the power pins. In this case, there
should be a bulk electrolytic capacitor, such as a 10-
F tantalum capacitor, to provide bulk charge storage
BKGD/MS
RESET
OPTIONAL
MANUAL
RESET
VDD
BACKGROUND HEADER
SYSTEM
POWER
PORT
B
PTB0/PIB0/RxD/ADP4
PTB1/PIB1/TxD/ADP5
PTB2/PIB2/SPSCK/ADP6
PTB3/PIB3/MOSI/ADP7
PTB4/TPM2CH1/MISO
PTB5/TPM1CH1/SS
PTB6/SDA/XTAL
PTB7/SCL/EXTAL
PORT
C
PTC0/TPM1CH0/ADP8
PTC1/TPM1CH1/ADP9
PTC2/ADP10
PTC3/ADP11
MC9S08SG8
VSS
VDD
CBY
0.1 F
CBLK
10 F
+
5 V
+
C2
C1
X1
RF
RS
PORT
A
PTA0/PIA0/TPM1CH0/TCLK/ADP0/ACMP+
PTA1/PIA1/TPM2CH0/ADP1/ACMP-
PTA2/PIA2/SDA/ADP2/ACMPO
PTA3/PIA3/SCL/ADP3
0.1 F
VDD
4.7 k–10 k
NOTE 1
NOTES:
1. External crystal circuit not required if using the internal clock option.
2. RESET pin can only be used to reset into user mode, you can not enter BDM using RESET
pin. BDM can be entered by holding MS low during POR or writing a 1 to BDFR in SBDFR
with MS low after issuing BDM command.
3. RC filter on RESET pin recommended for noisy environments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com