Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS08 Datasheet(PDF) 90 Page - NXP Semiconductors

Part # HCS08
Description  Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Datasheet(HTML) 90 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 86Page - NXP Semiconductors HCS08 Datasheet HTML 87Page - NXP Semiconductors HCS08 Datasheet HTML 88Page - NXP Semiconductors HCS08 Datasheet HTML 89Page - NXP Semiconductors HCS08 Datasheet HTML 90Page - NXP Semiconductors HCS08 Datasheet HTML 91Page - NXP Semiconductors HCS08 Datasheet HTML 92Page - NXP Semiconductors HCS08 Datasheet HTML 93Page - NXP Semiconductors HCS08 Datasheet HTML 94Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 316 page
background image
Chapter 6 Parallel Input/Output Control
MC9S08SG8 MCU Series Data Sheet, Rev. 8
90
Freescale Semiconductor
6.6.3.5
Port C Drive Strength Selection Register (PTCDS)
6.6.3.6
Ganged Output Drive Control Register (GNGC)
76
54
321
0
R
000
0
PTCDS3
PTCDS2
PTCDS1
PTCDS0
W
Reset:
000
00
000
Figure 6-23. Drive Strength Selection for Port C Register (PTCDS)
Table 6-22. PTCDS Register Field Descriptions
Field
Description
3:0
PTCDS[3:0]
Output Drive Strength Selection for Port C Bits — Each of these control bits selects between low and high
output drive for the associated PTC pin. For port C pins that are configured as inputs, these bits have no effect.
0 Low output drive strength selected for port C bit n.
1 High output drive strength selected for port C bit n.
76
54
321
0
R
GNGPS7
GNGPS6
GNGPS5
GNGPS4
GNGPS3
GNGPS2
GNGPS1
GNGEN
W
Reset:
000
00
000
Figure 6-24. Ganged Output Drive Control Register (GNGC)
Table 6-23. GNGC Register Field Descriptions
Field
Description
7:1
GNGP[7:1]
Ganged Output Pin Select Bits— These write-once control bits selects whether the associated pin (see
Table 6-1for pins available) is enabled for ganged output. When GNGEN = 1, all enabled ganged output pins will
be controlled by the data, drive strength and slew rate settings for PTC0.
0 Associated pin is not part of the ganged output drive.
1 Associated pin is part of the ganged output drive. Requires GNGEN = 1.
0
GNGEN
Ganged Output Drive Enable Bit— This write-once control bit selects whether the ganged output drive feature
is enabled.
0 Ganged output drive disabled.
1 Ganged output drive enabled. PTC0 forced to output regardless of the value of PTCDD0 in PTCDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com