Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS08 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # HCS08
Description  Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 17Page - NXP Semiconductors HCS08 Datasheet HTML 18Page - NXP Semiconductors HCS08 Datasheet HTML 19Page - NXP Semiconductors HCS08 Datasheet HTML 20Page - NXP Semiconductors HCS08 Datasheet HTML 21Page - NXP Semiconductors HCS08 Datasheet HTML 22Page - NXP Semiconductors HCS08 Datasheet HTML 23Page - NXP Semiconductors HCS08 Datasheet HTML 24Page - NXP Semiconductors HCS08 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 316 page
background image
MC9S08SG8 MCU Series Data Sheet, Rev. 8
Freescale Semiconductor
21
Chapter 1
Device Overview
The MC9S08SG8 members of the low-cost, high-performance HCS08 family of 8-bit microcontroller
units (MCUs). All MCUs in the family use the enhanced HCS08 core and are available with a variety of
modules, memory sizes, memory types, and package types. The high-temperature devices have been
qualified to meet or exceed AEC Grade 0 requirements to allow them to operate up to 150 °C TA.
1.1
Devices in the MC9S08SG8 Series
Table 1-1
summarizes the feature set available in the MC9S08SG8 series of MCUs.
t
Table 1-1. MC9S08SG8 Features by MCU and Package
Feature
9S08SG8
9S08SG4
FLASH size (bytes)
8192
4096
RAM size (bytes)
512
256
Pin quantity
20
16
8
20
16
8
ACMP
yes
ADC channels
12
8
4
12
8
4
DBG
yes
ICS
yes
yes
yes1
1 FBE and FEE modes are not available in 8-pin packages.
yes
yes
yes 1
IIC
yes
MTIM
yes
Pin Interrupts
884884
Pin I/O
16
12
4
16
12
4
RTC
yes
SCI
yes
yesnoyes
yesno
SPI
yes
yes
no
yes
yes
no
TPM1 channels
221221
TPM2 channels
221221
XOSC
yes
yes
no
yes
yes
no



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com