Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS08 Datasheet(PDF) 74 Page - NXP Semiconductors

Part # HCS08
Description  Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Datasheet(HTML) 74 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 70Page - NXP Semiconductors HCS08 Datasheet HTML 71Page - NXP Semiconductors HCS08 Datasheet HTML 72Page - NXP Semiconductors HCS08 Datasheet HTML 73Page - NXP Semiconductors HCS08 Datasheet HTML 74Page - NXP Semiconductors HCS08 Datasheet HTML 75Page - NXP Semiconductors HCS08 Datasheet HTML 76Page - NXP Semiconductors HCS08 Datasheet HTML 77Page - NXP Semiconductors HCS08 Datasheet HTML 78Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 316 page
background image
Chapter 5 Resets, Interrupts, and General System Control
MC9S08SG8 MCU Series Data Sheet, Rev. 8
74
Freescale Semiconductor
5.7.7
System Power Management Status and Control 2 Register
(SPMSC2)
This register is used to report the status of the low voltage warning function, and to configure the stop
mode behavior of the MCU.
Figure 5-9. System Power Management Status and Control 2 Register (SPMSC2)
7
6
5
4
3
210
R0
0
LVDV1
1 This bit can be written only one time after power-on reset. Additional writes are ignored.
LVWV
PPDF
0
0
PPDC2
2 This bit can be written only one time after reset. Additional writes are ignored.
W
PPDACK
Power-on Reset:
0
0
0
0
0
000
LVD Reset:
0
0
u
u
0
000
Any other Reset:
0
0
u
u
0
0
0
0
= Unimplemented or Reserved
u = Unaffected by reset
Table 5-10. SPMSC2 Register Field Descriptions
Field
Description
5
LVDV
Low-Voltage Detect Voltage Select — This write-once bit selects the low voltage detect (LVD) trip point setting.
It also selects the warning voltage range. See Table 5-11.
4
LVWV
Low-Voltage Warning Voltage Select — This bit selects the low voltage warning (LVW) trip point voltage. See
Table 5-11.
3
PPDF
Partial Power Down Flag — This read-only status bit indicates that the MCU has recovered from stop2 mode.
0 MCU has not recovered from stop2 mode.
1 MCU recovered from stop2 mode.
2
PPDACK
Partial Power Down Acknowledge — Writing a 1 to PPDACK clears the PPDF bit
0
PPDC
Partial Power Down Control — This write-once bit controls whether stop2 or stop3 mode is selected.
0 Stop3 mode enabled.
1 Stop2, partial power down, mode enabled.
Table 5-11. LVD and LVW trip point typical values1
1 See Electrical Characteristics appendix for minimum and maximum values.
LVDV:LVWV
LVW Trip Point
LVD Trip Point
0:0
VLVW0 = 2.74 V
VLVD0 = 2.56 V
0:1
VLVW1 = 2.92 V
1:0
VLVW2 = 4.3 V
VLVD1 = 4.0 V
1:1
VLVW3 = 4.6 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com