| Electronic Components Datasheet Search |
|
HCS08 Datasheet(PDF) 113 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HCS08 Datasheet(HTML) 113 Page - NXP Semiconductors |
|
113 / 316 page ![]() Analog Comparator (S08ACMPV2) MC9S08SG8 MCU Series Data Sheet, Rev. 8 Freescale Semiconductor 113 8.1.4 Features The ACMP has the following features: • Full rail to rail supply operation. • Selectable interrupt on rising edge, falling edge, or either rising or falling edges of comparator output. • Option to compare to fixed internal bandgap reference voltage. • Option to allow comparator output to be visible on a pin, ACMPO. • Can operate in stop3 mode 8.1.5 Modes of Operation This section defines the ACMP operation in wait, stop and background debug modes. 8.1.5.1 ACMP in Wait Mode The ACMP continues to run in wait mode if enabled before executing the WAIT instruction. Therefore, the ACMP can be used to bring the MCU out of wait mode if the ACMP interrupt, ACIE is enabled. For lowest possible current consumption, the ACMP should be disabled by software if not required as an interrupt source during wait mode. 8.1.5.2 ACMP in Stop Modes 8.1.5.2.1 Stop3 Mode Operation The ACMP continues to operate in Stop3 mode if enabled and compare operation remains active. If ACOPE is enabled, comparator output operates as in the normal operating mode and comparator output is placed onto the external pin. The MCU is brought out of stop when a compare event occurs and ACIE is enabled; ACF flag sets accordingly. If stop is exited with a reset, the ACMP will be put into its reset state. 8.1.5.2.2 Stop2 and Stop1 Mode Operation During either Stop2 and Stop1 mode, the ACMP module will be fully powered down. Upon wake-up from Stop2 or Stop1 mode, the ACMP module will be in the reset state. 8.1.5.3 ACMP in Active Background Mode When the microcontroller is in active background mode, the ACMP will continue to operate normally. 8.1.6 Block Diagram The block diagram for the Analog Comparator module is shown Figure 8-2. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |