Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS08 Datasheet(PDF) 119 Page - NXP Semiconductors

Part # HCS08
Description  Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Datasheet(HTML) 119 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 115Page - NXP Semiconductors HCS08 Datasheet HTML 116Page - NXP Semiconductors HCS08 Datasheet HTML 117Page - NXP Semiconductors HCS08 Datasheet HTML 118Page - NXP Semiconductors HCS08 Datasheet HTML 119Page - NXP Semiconductors HCS08 Datasheet HTML 120Page - NXP Semiconductors HCS08 Datasheet HTML 121Page - NXP Semiconductors HCS08 Datasheet HTML 122Page - NXP Semiconductors HCS08 Datasheet HTML 123Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 316 page
background image
MC9S08SG8 MCU Series Data Sheet, Rev. 8
Freescale Semiconductor
119
Chapter 9
Analog-to-Digital Converter (S08ADCV1)
9.1
Introduction
The 10-bit analog-to-digital converter (ADC) is a successive approximation ADC designed for operation
within an integrated microcontroller system-on-chip.
NOTE
The MC9S08SG8 Family of devices do not include stop1 mode.
The ADC channel assignments, alternate clock function, and hardware trigger function are configured as
described below for the MC9S08SG8 family of devices.
9.1.1
Channel Assignments
The ADC channel assignments for the MC9S08SG8 devices are shown in Table 9-1. Reserved channels
convert to an unknown value.
Table 9-1. ADC Channel Assignment
ADCH
Channel
Input
ADCH
Channel
Input
00000
AD0
PTA0/ADP0
10000
AD16
VSS
00001
AD1
PTA1/ADP1
10001
AD17
VSS
00010
AD2
PTA2/ADP2
10010
AD18
VSS
00011
AD3
PTA3/ADP3
10011
AD19
VSS
00100
AD4
PTB0/ADP4
10100
AD20
VSS
00101
AD5
PTB1/ADP5
10101
AD21
Reserved
00110
AD6
PTB2/ADP6
10110
AD22
Reserved
00111
AD7
PTB3/ADP7
10111
AD23
Reserved
01000
AD8
PTC0/ADP8
11000
AD24
Reserved
01001
AD9
PTC1/ADP9
11001
AD25
Reserved
01010
AD10
PTC2/ADP10
11010
AD26
Temperature Sensor1
1 For information, see Section 9.1.4, “Temperature Sensor”.
01011
AD11
PTC3/ADP11
11011
AD27
Internal Bandgap2
2 Requires BGBE =1 in SPMSC1 see Section 5.7.7, “System Power Management Status and Control 2 Register (SPMSC2)”. For
value of bandgap voltage reference see A.6, “DC Characteristics”.
01100
AD12
VSS
11100
-
Reserved
01101
AD13
VSS
11101
VREFH
VDD
01110
AD14
VSS
11110
VREFL
VSS
01111
AD15
VSS
11111
Module Disabled
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com