Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS08 Datasheet(PDF) 126 Page - NXP Semiconductors

Part # HCS08
Description  Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Datasheet(HTML) 126 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 122Page - NXP Semiconductors HCS08 Datasheet HTML 123Page - NXP Semiconductors HCS08 Datasheet HTML 124Page - NXP Semiconductors HCS08 Datasheet HTML 125Page - NXP Semiconductors HCS08 Datasheet HTML 126Page - NXP Semiconductors HCS08 Datasheet HTML 127Page - NXP Semiconductors HCS08 Datasheet HTML 128Page - NXP Semiconductors HCS08 Datasheet HTML 129Page - NXP Semiconductors HCS08 Datasheet HTML 130Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 316 page
background image
Analog-to-Digital Converter (S08ADCV1)
MC9S08SG8 MCU Series Data Sheet, Rev. 8
126
Freescale Semiconductor
76
54
3
2
10
RCOCO
AIEN
ADCO
ADCH
W
Reset:
00
01
1
1
11
= Unimplemented or Reserved
Figure 9-3. Status and Control Register (ADCSC1)
Table 9-3. ADCSC1 Register Field Descriptions
Field
Description
7
COCO
Conversion Complete Flag — The COCO flag is a read-only bit which is set each time a conversion is
completed when the compare function is disabled (ACFE = 0). When the compare function is enabled (ACFE =
1) the COCO flag is set upon completion of a conversion only if the compare result is true. This bit is cleared
whenever ADCSC1 is written or whenever ADCRL is read.
0 Conversion not completed
1 Conversion completed
6
AIEN
Interrupt Enable — AIEN is used to enable conversion complete interrupts. When COCO becomes set while
AIEN is high, an interrupt is asserted.
0 Conversion complete interrupt disabled
1 Conversion complete interrupt enabled
5
ADCO
Continuous Conversion Enable — ADCO is used to enable continuous conversions.
0 One conversion following a write to the ADCSC1 when software triggered operation is selected, or one
conversion following assertion of ADHWT when hardware triggered operation is selected.
1 Continuous conversions initiated following a write to ADCSC1 when software triggered operation is selected.
Continuous conversions are initiated by an ADHWT event when hardware triggered operation is selected.
4:0
ADCH
Input Channel Select — The ADCH bits form a 5-bit field which is used to select one of the input channels. The
input channels are detailed in Figure 9-4.
The successive approximation converter subsystem is turned off when the channel select bits are all set to 1.
This feature allows for explicit disabling of the ADC and isolation of the input channel from all sources.
Terminating continuous conversions this way will prevent an additional, single conversion from being performed.
It is not necessary to set the channel select bits to all 1s to place the ADC in a low-power state when continuous
conversions are not enabled because the module automatically enters a low-power state when a conversion
completes.
Figure 9-4. Input Channel Select
ADCH
Input Select
ADCH
Input Select
00000
AD0
10000
AD16
00001
AD1
10001
AD17
00010
AD2
10010
AD18
00011
AD3
10011
AD19
00100
AD4
10100
AD20
00101
AD5
10101
AD21
00110
AD6
10110
AD22
00111
AD7
10111
AD23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com