| Electronic Components Datasheet Search |
|
Z8F082ASH020SC Datasheet(PDF) 67 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
Z8F082ASH020SC Datasheet(HTML) 67 Page - Zilog, Inc. |
|
67 / 244 page ![]() PS024705-0405 P R E L I M I N A R Y Interrupt Controller Z8 Encore! XP® F08xA Series Product Specification 49 • Writing a 1 to the IRQE bit in the Interrupt Control register Interrupts are globally disabled by any of the following actions: • Execution of a DI (Disable Interrupt) instruction • eZ8 CPU acknowledgement of an interrupt service request from the interrupt controller • Writing a 0 to the IRQE bit in the Interrupt Control register • Reset • Execution of a Trap instruction • Illegal Instruction Trap • Primary Oscillator Fail Trap • Watch-Dog Oscillator Fail Trap Interrupt Vectors and Priority The interrupt controller supports three levels of interrupt priority. Level 3 is the highest priority, Level 2 is the second highest priority, and Level 1 is the lowest priority. If all of the interrupts are enabled with identical interrupt priority (all as Level 2 interrupts, for example), the interrupt priority is assigned from highest to lowest as specified in Table 31 on page 47. Level 3 interrupts are always assigned higher priority than Level 2 interrupts which, in turn, always are assigned higher priority than Level 1 interrupts. Within each interrupt priority level (Level 1, Level 2, or Level 3), priority is assigned as specified in Table 31, above. Reset, Watch-Dog Timer interrupt (if enabled), Primary Oscillator Fail Trap, Watchdog Oscillator Fail Trap, and Illegal Instruction Trap always have highest (level 3) priority. Interrupt Assertion Interrupt sources assert their interrupt requests for only a single system clock period (sin- gle pulse). When the interrupt request is acknowledged by the eZ8 CPU, the correspond- ing bit in the Interrupt Request register is cleared until the next interrupt occurs. Writing a 0 to the corresponding bit in the Interrupt Request register likewise clears the interrupt request. The following coding style that clears bits in the Interrupt Request registers is NOT rec- ommended. All incoming interrupts received between execution of the first LDX com- mand and the final LDX command are lost. Poor coding style that can result in lost interrupt requests: LDX r0, IRQ0 AND r0, MASK LDX IRQ0, r0 Caution: |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |