Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z8F082ASH020SC Datasheet(PDF) 88 Page - Zilog, Inc.

Part # Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Datasheet(HTML) 88 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 84Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 85Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 86Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 87Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 88Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 89Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 90Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 91Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 92Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
Timers
Z8 Encore! XP® F08xA Series
Product Specification
70
2. Write to the Timer High and Low Byte registers to set the starting count value. Writing
these registers only affects the first pass in GATED mode. After the first timer reset in
GATED mode, counting always begins at the reset value of 0001H.
3. Write to the Timer Reload High and Low Byte registers to set the Reload value.
4. Enable the timer interrupt, if appropriate, and set the timer interrupt priority by writing
to the relevant interrupt registers. By default, the timer interrupt is generated for both
input deassertion and reload events. If appropriate, configure the timer interrupt to be
generated only at the input deassertion event or the reload event by setting TICONFIG
field of the TxCTL1 register.
5. Configure the associated GPIO port pin for the Timer Input alternate function.
6. Write to the Timer Control register to enable the timer.
7. Assert the Timer Input signal to initiate the counting.
CAPTURE/COMPARE Mode
In CAPTURE/COMPARE mode, the timer begins counting on the first external Timer
Input transition. The acceptable transition (rising edge or falling edge) is set by the TPOL
bit in the Timer Control Register. The timer input is the system clock.
Every subsequent acceptable transition (after the first) of the Timer Input signal captures
the current count value. The Capture value is written to the Timer PWM High and Low
Byte Registers. When the Capture event occurs, an interrupt is generated, the count value
in the Timer High and Low Byte registers is reset to 0001H, and counting resumes. The
INPCAP
bit in TxCTL1 register is set to indicate the timer interrupt is caused by an input
capture event.
If no Capture event occurs, the timer counts up to the 16-bit Compare value stored in the
Timer Reload High and Low Byte registers. Upon reaching the Compare value, the timer
generates an interrupt, the count value in the Timer High and Low Byte registers is reset to
0001H
and counting resumes. The INPCAP bit in TxCTL1 register is cleared to indicate
the timer interrupt is not because of an input capture event.
The steps for configuring a timer for CAPTURE/COMPARE mode and initiating the
count are as follows:
1. Write to the Timer Control register to:
–
Disable the timer
–
Configure the timer for CAPTURE/COMPARE mode.
–
Set the prescale value.
–
Set the Capture edge (rising or falling) for the Timer Input.
2. Write to the Timer High and Low Byte registers to set the starting count value
(typically 0001H).
3. Write to the Timer Reload High and Low Byte registers to set the Compare value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com