Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z8F082ASH020SC Datasheet(PDF) 27 Page - Zilog, Inc.

Part # Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Datasheet(HTML) 27 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 23Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 24Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 25Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 26Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 27Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 28Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 29Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 30Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 31Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
Pin Description
Z8 Encore! XP® F08xA Series
Product Specification
9
Table 3. Signal Descriptions
Signal Mnemonic
I/O
Description
General-Purpose I/O Ports A–D
PA[7:0]
I/O
Port A. These pins are used for general-purpose I/O.
PB[7:0]
I/O
Port B. These pins are used for general-purpose I/O. PB6 and PB7 are
available only in those devices without an ADC.
PC[7:0]
I/O
Port C. These pins are used for general-purpose I/O.
PD[0]
I/O
Port D. This pin is used for general-purpose output only.
Note: PB6 and PB7 are only available in 28-pin packages without ADC. In 28-pin packages with ADC,
they are replaced by AVDD and AVSS.
UART Controllers
TXD0
O
Transmit Data. This signal is the transmit output from the UART and IrDA.
RXD0
I
Receive Data. This signal is the receive input for the UART and IrDA.
CTS0
I
Clear To Send. This signal is the flow control input for the UART.
DE
O
Driver Enable. This signal allows automatic control of external RS-485
drivers. This signal is approximately the inverse of the TXE (Transmit
Empty) bit in the UART Status 0 register. The DE signal may be used to
ensure the external RS-485 driver is enabled when data is transmitted by
the UART.
Timers
T0OUT/T1OUT
O
Timer Output 0–1. These signals are output from the timers.
T0OUT/T1OUT
O
Timer Complement Output 0–1. These signals are output from the timers
in PWM Dual Output mode.
T0IN/T1IN
I
Timer Input 0–1. These signals are used as the capture, gating and
counter inputs. The T0IN signal is multiplexed T0OUT signals.
Comparator
CINP/CINN
I
Comparator Inputs. These signals are the positive and negative inputs to
the comparator.
COUT
O
Comparator Output. This is the output of the comparator.
Analog
ANA[7:0]
I
Analog Port. These signals are used as inputs to the analog-to-digital
converter (ADC). The ANA0, ANA1 and ANA2 pins can also access the
inputs and output of the integrated transimpedance amplifier.
VREF
I/O
Analog-to-digital converter reference voltage input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com