| Electronic Components Datasheet Search |
|
Z8F082ASH020SC Datasheet(PDF) 68 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
Z8F082ASH020SC Datasheet(HTML) 68 Page - Zilog, Inc. |
|
68 / 244 page ![]() PS024705-0405 P R E L I M I N A R Y Interrupt Controller Z8 Encore! XP® F08xA Series Product Specification 50 To avoid missing interrupts, use the following coding style to clear bits in the Interrupt Request 0 register: Good coding style that avoids lost interrupt requests: ANDX IRQ0, MASK Software Interrupt Assertion Program code can generate interrupts directly. Writing a 1 to the correct bit in the Interrupt Request register triggers an interrupt (assuming that interrupt is enabled). When the inter- rupt request is acknowledged by the eZ8 CPU, the bit in the Interrupt Request register is automatically cleared to 0. The following coding style used to generate software interrupts by setting bits in the In- terrupt Request registers is NOT recommended. All incoming interrupts received be- tween execution of the first LDX command and the final LDX command are lost. Poor coding style that can result in lost interrupt requests: LDX r0, IRQ0 OR r0, MASK LDX IRQ0, r0 To avoid missing interrupts, use the following coding style to set bits in the Interrupt Re- quest registers: Good coding style that avoids lost interrupt requests: ORX IRQ0, MASK Interrupt Control Register Definitions For all interrupts other than the Watch-Dog Timer interrupt, the Primary Oscillator Fail Trap, and the Watchdog Oscillator Fail Trap, the interrupt control registers enable individ- ual interrupts, set interrupt priorities, and indicate interrupt requests. Interrupt Request 0 Register The Interrupt Request 0 (IRQ0) register (Table 32) stores the interrupt requests for both vectored and polled interrupts. When a request is presented to the interrupt controller, the corresponding bit in the IRQ0 register becomes 1. If interrupts are globally enabled (vec- tored interrupts), the interrupt controller passes an interrupt request to the eZ8 CPU. If interrupts are globally disabled (polled interrupts), the eZ8 CPU can read the Interrupt Request 0 register to determine if any interrupt requests are pending. Caution: Caution: Caution: |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |