Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z8F082ASH020SC Datasheet(PDF) 97 Page - Zilog, Inc.

Part # Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Datasheet(HTML) 97 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 93Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 94Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 95Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 96Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 97Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 98Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 99Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 100Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 101Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
Watch-Dog Timer
Z8 Encore! XP® F08xA Series
Product Specification
79
Watch-Dog Timer
Overview
The Watch-Dog Timer (WDT) protects against corrupt or unreliable software, power
faults, and other system-level problems which may place the Z8 Encore! XP® F08xA
Series devices into unsuitable operating states. The Watch-Dog Timer includes the follow-
ing features:
• On-chip RC oscillator
• A selectable time-out response: reset or interrupt
• 24-bit programmable time-out value
Operation
The Watch-Dog Timer (WDT) is a retriggerable one-shot timer that resets or interrupts the
Z8 Encore! XP® F08xA Series devices when the WDT reaches its terminal count. The
Watch-Dog Timer uses a dedicated on-chip RC oscillator as its clock source. The Watch-
Dog Timer operates in only two modes: ON and OFF. Once enabled, it always counts and
must be refreshed to prevent a time-out. Perform an enable by executing the WDT instruc-
tion or by setting the WDT_AO Flash Option Bit. The WDT_AO bit forces the Watch-
Dog Timer to operate immediately upon reset, even if a WDT instruction has not been
executed.
The Watch-Dog Timer is a 24-bit reloadable downcounter that uses three 8-bit registers in
the eZ8 CPU register space to set the reload value. The nominal WDT time-out period is
described by the following equation:
where the WDT reload value is the decimal value of the 24-bit value given by
{WDTU[7:0], WDTH[7:0], WDTL[7:0]} and the typical Watch-Dog Timer RC oscillator
frequency is 10KHz. The Watch-Dog Timer cannot be refreshed after it reaches 000002H.
The WDT Reload Value must not be set to values below 000004H. Table 55 provides
information about approximate time-out delays for the minimum and maximum WDT
reload values.
WDT Time-out Period (ms)
WDT Reload Value
10
--------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com