Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z8F082ASH020SC Datasheet(PDF) 31 Page - Zilog, Inc.

Part # Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Datasheet(HTML) 31 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 27Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 28Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 29Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 30Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 31Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 32Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 33Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 34Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 35Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
Address Space
Z8 Encore! XP® F08xA Series
Product Specification
13
Program Memory
The eZ8 CPU supports 64KB of Program Memory address space. The Z8 Encore! XP®
F08xA Series devices contain 8KB of on-chip Flash memory in the Program Memory
address space, depending on the device. Reading from Program Memory addresses out-
side the available Flash memory addresses returns FFH. Writing to these unimplemented
Program Memory addresses produces no effect. Table 5 describes the Program Memory
Maps for the Z8 Encore! XP® F08xA Series products.
Data Memory
The Z8 Encore! XP® F08xA Series does not use the eZ8 CPU’s 64KB Data Memory
address space.
Flash Information Area
Table 6 describes the Z8 Encore! XP® F08xA Series Flash Information Area. This 128B
Information Area is accessed by setting bit 7 of the Flash Page Select Register to 1. When
access is enabled, the Flash Information Area is mapped into the Program Memory and
overlays the 128 bytes at addresses FE00H to FF7FH. When the Information Area access is
enabled, all reads from these Program Memory addresses return the Information Area data
rather than the Program Memory data. Access to the Flash Information Area is read-only.
Table 5. Z8 Encore! XP® F08xA Series Program Memory Maps
Program Memory Address (Hex)
Function
Z8F082A and Z8F081A Products
0000–0001
Flash Option Bits
0002–0003
Reset Vector
0004–0005
WDT Interrupt Vector
0006–0007
Illegal Instruction Trap
0008–0037
Interrupt Vectors*
003E–1FFF
Program Memory
* See Table 31 on page 47 for a list of the interrupt vectors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com