Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z8F082ASH020SC Datasheet(PDF) 38 Page - Zilog, Inc.

Part # Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Datasheet(HTML) 38 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 34Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 35Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 36Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 37Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 38Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 39Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 40Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 41Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 42Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
Reset and STOP Mode Recovery
Z8 Encore! XP® F08xA Series
Product Specification
20
During a System Reset or STOP Mode Recovery, the Internal Precision Oscillator requires
4
µs to start up. Then, the Z8 Encore! XP® F08xA Series device is held in Reset for 66
cycles of the Internal Precision Oscillator. If the crystal oscillator is enabled in the Flash
option bits, this reset period is increased to 5000 IPO cycles. When a reset occurs because
of a low voltage condition or power on reset, this delay is measured from the time that the
supply voltage first exceeds the POR level (discussed later in this chapter). If the external
pin reset remains asserted at the end of the reset period, the device remains in reset until
the pin is deasserted.
At the beginning of Reset, all GPIO pins are configured as inputs with pull-up resistor dis-
abled, except PD0 which is shared with the reset pin. On reset, the Port D0 pin is config-
ured as a bidirectional open-drain reset. The pin is internally driven low during port reset,
after which the user code may reconfigure this pin as a general purpose output.
During Reset, the eZ8 CPU and on-chip peripherals are idle; however, the on-chip crystal
oscillator and Watch-Dog Timer oscillator continue to run.
Upon Reset, control registers within the Register File that have a defined Reset value are
loaded with their reset values. Other control registers (including the Stack Pointer, Regis-
ter Pointer, and Flags) and general-purpose RAM are undefined following Reset. The eZ8
CPU fetches the Reset vector at Program Memory addresses 0002H and 0003H and loads
that value into the Program Counter. Program execution begins at the Reset vector
address.
Because the control registers are re-initialized by a system reset, the system clock after
reset is always the IPO. User software must reconfigure the oscillator control block, such
that the correct system clock source is enabled and selected.
Reset Sources
Table 9 lists the possible sources of a system reset.
STOP Mode Recovery
Unaffected, except
WDT_CTL and
OSC_CTL registers
Reset 66 Internal Precision Oscillator Cycles
STOP Mode Recovery with
Crystal Oscillator Enabled
Unaffected, except
WDT_CTL and
OSC_CTL registers
Reset 5000 Internal Precision Oscillator Cycles
Table 8. Reset and STOP Mode Recovery Characteristics and Latency (Continued)
Reset Type
Reset Characteristics and Latency
Control Registers
eZ8
CPU
Reset Latency (Delay)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com