Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z8F082ASH020SC Datasheet(PDF) 171 Page - Zilog, Inc.

Part # Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Datasheet(HTML) 171 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 167Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 168Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 169Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 170Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 171Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 172Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 173Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 174Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 175Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
On-Chip Debugger
Z8 Encore! XP® F08xA Series
Product Specification
153
Runtime Counter
The On-Chip Debugger contains a 16-bit Runtime Counter. It counts system clock cycles
between Breakpoints. The counter starts counting when the On-Chip Debugger leaves
DEBUG mode and stops counting when it enters DEBUG mode again or when it reaches
the maximum count of FFFFH.
On-Chip Debugger Commands
The host communicates to the On-Chip Debugger by sending OCD commands using the
DBG interface. During normal operation, only a subset of the OCD commands are avail-
able. In DEBUG mode, all OCD commands become available unless the user code and
control registers are protected by programming the Flash Read Protect Option bit (FRP).
The Flash Read Protect Option bit prevents the code in memory from being read out of the
Z8 Encore! XP® F08xA Series products. When this option is enabled, several of the OCD
commands are disabled. Table 99 on page 158 is a summary of the On-Chip Debugger
commands. Each OCD command is described in further detail in the bulleted list follow-
ing this table. Table 99 also indicates those commands that operate when the device is not
in DEBUG mode (normal operation) and those commands that are disabled by program-
ming the Flash Read Protect Option bit.
Debug Command
Command
Byte
Enabled when NOT
in DEBUG mode?
Disabled by
Flash Read Protect Option Bit
Read OCD Revision
00H
Yes
–
Reserved
01H
–
–
Read OCD Status Register
02H
Yes
–
Read Runtime Counter
03H
–
–
Write OCD Control Register
04H
Yes
Cannot clear DBGMODE bit
Read OCD Control Register
05H
Yes
–
Write Program Counter
06H
–
Disabled
Read Program Counter
07H
–
Disabled
Write Register
08H
–
Only writes of the Flash Memory Control
registers are allowed. Additionally, only
the Mass Erase command is allowed to
be written to the Flash Control register.
Read Register
09H
–
Disabled
Write Program Memory
0AH
–
Disabled
Read Program Memory
0BH
–
Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com