Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z8F082ASH020SC Datasheet(PDF) 181 Page - Zilog, Inc.

Part # Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Datasheet(HTML) 181 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 177Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 178Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 179Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 180Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 181Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 182Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 183Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 184Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 185Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
Oscillator Control
Z8 Encore! XP® F08xA Series
Product Specification
163
the Watch-Dog Timer failure can be detected. A very slow system clock results in very
slow detection times.
It is possible to disable the clock failure detection circuitry as well as all functioning
clock sources. In this case, the Z8 Encore! XP® F08xA Series device ceases functioning
and can only be recovered by Power-On-Reset.
Oscillator Control Register Definitions
Oscillator Control Register
The Oscillator Control Register (OSCCTL) enables/disables the various oscillator circuits,
enables/disables the failure detection/recovery circuitry and selects the primary oscillator,
which becomes the system clock.
The Oscillator Control Register must be unlocked before writing. Writing the two step
sequence E7H followed by 18H to the Oscillator Control Register unlocks it. The register
is locked at successful completion of a register write to the OSCCTL.
INTEN—Internal Precision Oscillator Enable
1 = Internal precision oscillator is enabled
0 = Internal precision oscillator is disabled
XTLEN—Crystal Oscillator Enable; this setting overrides the GPIO register control for
PA0 and PA1
1 = Crystal oscillator is enabled
0 = Crystal oscillator is disabled
WDTEN—Watchdog Timer Oscillator Enable
1 = Watch-Dog Timer oscillator is enabled
0 = Watch-Dog Timer oscillator is disabled
POFEN—Primary Oscillator Failure Detection Enable
1 = Failure detection and recovery of primary oscillator is enabled
0 = Failure detection and recovery of primary oscillator is disabled
Table 102. Oscillator Control Register (OSCCTL)
BITS
7
6
5
4
3
2
1
0
FIELD
INTEN
XTLEN
WDTEN
POFEN
WDFEN
SCKSEL
RESET
1
010
00
00
R/W
R/WR/W
R/WR/W
R/WR/W
R/WR/W
ADDR
F86H
Caution:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com