Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z8F082ASH020SC Datasheet(PDF) 229 Page - Zilog, Inc.

Part # Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Datasheet(HTML) 229 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 225Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 226Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 227Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 228Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 229Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 230Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 231Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 232Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 233Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
Packaging
Z8 Encore! XP® F08xA Series
Product Specification
211
Figure 42 illustrates the 28-pin Small Shrink Outline Package (SSOP) available for the Z8
Encore! XP™ 8K Series devices.
Figure 42.28-Pin Small Shrink Outline Package (SSOP)
SYMBOL
A
A1
B
C
A2
e
MILLIMETER
INCH
MIN
MAX
MIN
MAX
1.73
0.05
1.68
0.25
5.20
0.65 TYP
0.09
10.07
7.65
0.63
1.86
0.0256 TYP
0.13
10.20
1.73
7.80
5.30
1.99
0.21
1.78
0.75
0.068
0.002
0.066
0.010
0.205
0.004
0.397
0.301
0.025
0.073
0.005
0.068
0.209
0.006
0.402
0.307
0.030
0.078
0.008
0.070
0.015
0.212
0.008
0.407
0.311
0.037
0.38
0.20
10.33
5.38
7.90
0.95
NOM
NOM
D
E
H
L
CONTROLLING DIMENSIONS: MM
LEADS ARE COPLANAR WITHIN .004 INCHES.
H
C
DETAIL A
E
D
28
15
114
SEATING PLANE
A2
e
A
B
L
0 - 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com