Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9161BBCZ Datasheet(PDF) 106 Page - Analog Devices

Part # AD9161BBCZ
Description  11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9161BBCZ Datasheet(HTML) 106 Page - Analog Devices

Back Button AD9161BBCZ Datasheet HTML 102Page - Analog Devices AD9161BBCZ Datasheet HTML 103Page - Analog Devices AD9161BBCZ Datasheet HTML 104Page - Analog Devices AD9161BBCZ Datasheet HTML 105Page - Analog Devices AD9161BBCZ Datasheet HTML 106Page - Analog Devices AD9161BBCZ Datasheet HTML 107Page - Analog Devices AD9161BBCZ Datasheet HTML 108Page - Analog Devices AD9161BBCZ Datasheet HTML 109Page - Analog Devices AD9161BBCZ Datasheet HTML 110Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 144 page
background image
AD9161/AD9162
Data Sheet
Rev. D | Page 106 of 144
Hex.
Addr. Name
Bits Bit Name
Settings
Description
Reset
Access
0
SPI_PLL_LOCK_RB
If set, the SERDES synthesizer
locked.
0x0
R
0 PLL is not locked.
1 PLL is locked.
0x289 REF_CLK_DIVIDER_LDO
[7:2] RESERVED
Reserved.
0x0
R
[1:0] SERDES_PLL_DIV_FACTOR
SERDES PLL reference clock
division factor. This field
controls the division of the
SERDES PLL reference clock
before it is fed into the SERDES
PLL PFD. It must be set so that
fREF/DivFactor is between 35
MHz and 80 MHz.
0x0
R/W
00 Divide by 4 for lane rate
between 6 Gbps and 12.5 Gbps.
01 Divide by 2 for lane rate
between 3 Gbps and 6 Gbps.
10 Divide by 1 for lane rate
between 1.5 Gbps and 3 Gbps.
0x2A7 TERM_BLK1_CTRLREG0
[7:1] RESERVED
Reserved.
0x0
R
0
SPI_I_TUNE_R_CAL_TERMBLK1
Rising edge of this bit starts a
termination calibration routine.
0x0
R/W
0x2A8 TERM_BLK1_CTRLREG1
[7:0] SPI_I_SERIALIZER_RTRIM_TERMBLK1
SPI override for termination
value for PHY 0, PHY 1, PHY 6,
and PHY 7. Value options are as
follows:
0x0
R/W
XXX0XXXX Automatically calibrate
termination value.
XXX1000X Force 000 as termination value.
XXX1001X Force 001 as termination value.
XXX1010X Force 010 as termination value.
XXX1011X Force 011 as termination value.
XXX1100X Force 100 as termination value.
XXX1101X Force 101 as termination value.
XXX1110X Force 110 as termination value.
XXX1111X Force 111 as termination value.
XXX1000X Force 000 as termination value.
0x2AC TERM_BLK1_RD_REG0
[7:4] RESERVED
Reserved.
0x0
R
[3:0] SPI_O_RCAL_CODE_TERMBLK1
Readback of calibration code
for PHY 0, PHY 1, PHY 6, and
PHY 7.
0x0
R
0x2AE TERM_BLK2_CTRLREG0
[7:1] RESERVED
Reserved.
0x0
R
0
SPI_I_TUNE_R_CAL_TERMBLK2
Rising edge of this bit starts a
termination calibration routine.
0x0
R/W
0x2AF TERM_BLK2_CTRLREG1
[7:0] SPI_I_SERIALIZER_RTRIM_TERMBLK2
SPI override for termination
value for PHY 2, PHY 3, PHY 4,
and PHY 5. Value options are as
follows:
0x0
R/W
XXX0XXXX Automatically calibrate
termination value.
XXX1000X Force 000 as termination value.
XXX1001X Force 001 as termination value.
XXX1010X Force 010 as termination value.
XXX1011X Force 011 as termination value.
XXX1100X Force 100 as termination value.
XXX1101X Force 101 as termination value.
XXX1110X Force 110 as termination value.
XXX1111X Force 111 as termination value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com