Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM6DSTX Datasheet(PDF) 44 Page - STMicroelectronics

Part # LSM6DSTX
Description  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with embedded machine learning core
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSTX Datasheet(HTML) 44 Page - STMicroelectronics

Back Button LSM6DSTX Datasheet HTML 40Page - STMicroelectronics LSM6DSTX Datasheet HTML 41Page - STMicroelectronics LSM6DSTX Datasheet HTML 42Page - STMicroelectronics LSM6DSTX Datasheet HTML 43Page - STMicroelectronics LSM6DSTX Datasheet HTML 44Page - STMicroelectronics LSM6DSTX Datasheet HTML 45Page - STMicroelectronics LSM6DSTX Datasheet HTML 46Page - STMicroelectronics LSM6DSTX Datasheet HTML 47Page - STMicroelectronics LSM6DSTX Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 175 page
background image
Table 20. Internal pin status
Pin
#
Name
Mode 1 function
Mode 2 function
Mode 3 / mode 4
function
Pin status mode 1
Pin status mode 2
Pin status mode 3/4(1)
1
SDO
SPI 4-wire interface
serial data output
(SDO)
SPI 4-wire interface
serial data output
(SDO)
SPI 4-wire interface
serial data output
(SDO)
Default: input without pull-
up. Pull-up is enabled if
bit SDO_PU_EN = 1 in
PIN_CTRL (02h).
Default: input without pull-
up. Pull-up is enabled if
bit SDO_PU_EN = 1 in
PIN_CTRL (02h).
Default: input without pull-
up. Pull-up is enabled if
bit SDO_PU_EN = 1 in
PIN_CTRL (02h).
SA0
I²C least significant bit
of the device address
(SA0)
MIPI I3CSM least
significant bit of the
static address (SA0)
I²C least significant bit
of the device address
(SA0)
MIPI I3CSM least
significant bit of the
static address (SA0)
I²C least significant bit
of the device address
(SA0)
MIPI I3CSM least
significant bit of the
static address (SA0)
2
SDx
Connect to Vdd_IO or
GND
I²C serial data master
(MSDA)
Auxiliary SPI 3/4-wire
interface serial data
input (SDI) and SPI
3-wire serial data
output (SDO)
Default: input without pull-
up. Pull-up is enabled if
bit SHUB_PU_EN = 1 in
MASTER_CONFIG (14h) in
sensor hub registers (see
Note to enable pull-up).
Default: input without pull-
up. Pull-up is enabled if
bit SHUB_PU_EN = 1 in
MASTER_CONFIG (14h) in
sensor hub registers (see
Note to enable pull-up).
Default: input without pull-
up. Pull-up is enabled if
bit SHUB_PU_EN = 1 in
MASTER_CONFIG (14h) in
sensor hub registers (see
Note to enable pull-up).
3
SCx
Connect to Vdd_IO or
GND
I²C serial clock master
(MSCL)
Auxiliary SPI 3/4-wire
interface serial port
clock (SPC_Aux)
Default: input without pull-
up. Pull-up is enabled if
bit SHUB_PU_EN = 1 in
MASTER_CONFIG (14h) in
sensor hub registers (see
Note to enable pull-up).
Default: input without pull-
up. Pull-up is enabled if
bit SHUB_PU_EN = 1 in
MASTER_CONFIG (14h) in
sensor hub registers (see
Note to enable pull-up).
Default: input without pull-
up. Pull-up is enabled if
bit SHUB_PU_EN = 1 in
MASTER_CONFIG (14h) in
sensor hub registers (see
Note to enable pull-up).
4
INT1
Programmable
interrupt 1 / If device
is used as MIPI
I3CSM pure slave, this
pin must be set to 1.
Programmable
interrupt 1 / If device
is used as MIPI I3CSM
pure slave, this pin
must be set to 1.
Programmable interrupt
1 / If device is used as
MIPI I3CSM pure slave,
this pin must be set to
1.
Default: input with pull-
down(2)
Default: input with pull-
down(2)
Default: input with pull-
down(2)
5
Vdd_IO
Power supply
for I/O pins
Power supply
for I/O pins
Power supply
for I/O pins
6
GND
0 V supply
0 V supply
0 V supply
7
GND
0 V supply
0 V supply
0 V supply
8
Vdd
Power supply
Power supply
Power supply
9
INT2
Programmable
interrupt 2 (INT2) /
Data enabled (DEN)
Programmable
interrupt 2 (INT2) /
Data enabled (DEN) /
I²C master external
synchronization signal
(MDRDY)
Programmable interrupt
2 (INT2) / Data enabled
(DEN)
Default: output forced to
ground
Default: output forced to
ground
Default: output forced to
ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com