Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM6DSTX Datasheet(PDF) 43 Page - STMicroelectronics

Part # LSM6DSTX
Description  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with embedded machine learning core
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSTX Datasheet(HTML) 43 Page - STMicroelectronics

Back Button LSM6DSTX Datasheet HTML 39Page - STMicroelectronics LSM6DSTX Datasheet HTML 40Page - STMicroelectronics LSM6DSTX Datasheet HTML 41Page - STMicroelectronics LSM6DSTX Datasheet HTML 42Page - STMicroelectronics LSM6DSTX Datasheet HTML 43Page - STMicroelectronics LSM6DSTX Datasheet HTML 44Page - STMicroelectronics LSM6DSTX Datasheet HTML 45Page - STMicroelectronics LSM6DSTX Datasheet HTML 46Page - STMicroelectronics LSM6DSTX Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 175 page
background image
7.3
LSM6DSTX electrical connections in mode 3 and mode 4
Figure 26. LSM6DSTX electrical connections in Mode 3 and Mode 4 (auxiliary 3/4-wire SPI)
Vdd_IO
GND
100 nF
C2
SDO
INT1
11
5
7
12
TOP
VIEW
Vdd
INT2
NC
14
8
4
Vdd
GND
100 nF
C1
SDI_Aux
SPC_Aux
OCS_Aux
1
HOST
LSM6DSTX
Camera
module
Aux SPI (3/4-wire)
Mode 3
SCL
SDA
Vdd_IO
Rpu
Rpu
Pull-up to be added
Rpu=10kOhm
I2C configuration
(1)
HOST
Camera
module
Mode 4
For gyro
data only
For XL and
gyro data
I2C
SPI (3/4-w)
/
MIPI I3C
SM/
I2C
SPI (3/4-w)
/
MIPI I3C
SM/
Aux SPI (3/4-wire)
LSM6DSTX
1.
Leave pin electrically unconnected and soldered to PCB.
Note:
When mode 3 and 4 are used, the pull-up on pins 10 and 11 can be disabled (refer to Table 20. Internal pin
status). To avoid leakage current, it is recommended to not leave the SPI lines floating (also when the OIS
system is off).
The device core is supplied through the Vdd line. Power supply decoupling capacitors (C1, C2 = 100 nF ceramic)
should be placed as near as possible to the supply pin of the device (common design practice).
The functionality of the device is selectable and accessible through the SPI/I²C/I³C primary interface.
Measured acceleration/angular rate data is selectable and accessible through the SPI/I²C/MIPI I3CSM primary
interface and auxiliary SPI.
The functions, the threshold and the timing of the two interrupt pins for each sensor can be completely
programmed by the user through the SPI/I²C/MIPI I3CSM interface.
LSM6DSTX
LSM6DSTX electrical connections in mode 3 and mode 4
DS14039 - Rev 1
page 43/175



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com