Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM6DSTX Datasheet(PDF) 36 Page - STMicroelectronics

Part # LSM6DSTX
Description  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with embedded machine learning core
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSTX Datasheet(HTML) 36 Page - STMicroelectronics

Back Button LSM6DSTX Datasheet HTML 32Page - STMicroelectronics LSM6DSTX Datasheet HTML 33Page - STMicroelectronics LSM6DSTX Datasheet HTML 34Page - STMicroelectronics LSM6DSTX Datasheet HTML 35Page - STMicroelectronics LSM6DSTX Datasheet HTML 36Page - STMicroelectronics LSM6DSTX Datasheet HTML 37Page - STMicroelectronics LSM6DSTX Datasheet HTML 38Page - STMicroelectronics LSM6DSTX Datasheet HTML 39Page - STMicroelectronics LSM6DSTX Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 175 page
background image
6.5.1.2
Enabling the primary interface
This option allows the application processor to enable/disable the OIS functionality from the primary interface. An
example of this option is shown in Figure 22.
In order to enable/disable the OIS chain from the primary interface, the OIS_ON_EN bit in the CTRL7_G (16h)
register must be set to 1 from the primary interface.
Then, enabling OIS functionalities and reading from the Auxiliary SPI can be done from the primary interface by
setting the OIS_ON bit in CTRL7_G (16h) to 1. This bit also turns on the gyroscope OIS chain.
The configuration of the OIS functionalities must be implemented from the auxiliary SPI through the
SPI2_INT_OIS (6Fh), SPI2_CTRL1_OIS (70h), SPI2_CTRL2_OIS (71h), and SPI2_CTRL3_OIS (72h) registers.
The camera module can verify that the AP has enabled the LSM6DSTX OIS chain by reading the
SPI2_WHO_AM_I (0Fh) register. The bit OIS_EN_SPI2 is kept under reset.
The primary interface can access the OIS control registers (UI_INT_OIS (6Fh), UI_CTRL1_OIS (70h),
UI_CTRL2_OIS (71h), UI_CTRL3_OIS (72h)) in read mode.
Note:
If the accelerometer ultralow-power mode is active when activation of the OIS is required, the device must be set
in power-down mode before enabling the OIS chain.
Note:
The OIS_ON_EN bit is reset from the software reset procedure.
LSM6DSTX
OIS
DS14039 - Rev 1
page 36/175



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com