Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM6DSTX Datasheet(PDF) 1 Page - STMicroelectronics

Part # LSM6DSTX
Description  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with embedded machine learning core
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSTX Datasheet(HTML) 1 Page - STMicroelectronics

  LSM6DSTX Datasheet HTML 1Page - STMicroelectronics LSM6DSTX Datasheet HTML 2Page - STMicroelectronics LSM6DSTX Datasheet HTML 3Page - STMicroelectronics LSM6DSTX Datasheet HTML 4Page - STMicroelectronics LSM6DSTX Datasheet HTML 5Page - STMicroelectronics LSM6DSTX Datasheet HTML 6Page - STMicroelectronics LSM6DSTX Datasheet HTML 7Page - STMicroelectronics LSM6DSTX Datasheet HTML 8Page - STMicroelectronics LSM6DSTX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 175 page
background image
Features
Power consumption: 0.55 mA in combo high-performance mode
“Always-on" experience with low power consumption for both accelerometer and
gyroscope
Smart FIFO up to 9 KB
Android compliant
±2/±4/±8/±16 g full scale
±125/±250/±500/±1000/±2000 dps full scale
Analog supply voltage: 1.71 V to 3.6 V
Independent IO supply (1.62 V)
Compact footprint: 2.5 mm x 3 mm x 0.83 mm
SPI / I²C & MIPI I3CSM serial interface with main processor data synchronization
Auxiliary SPI for OIS data output for gyroscope and accelerometer
OIS configurable from aux SPI, primary interface (SPI / I²C & MIPI I3CSM)
Advanced pedometer, step detector and step counter
Significant motion detection, tilt detection
Standard interrupts: free-fall, wakeup, 6D/4D orientation, click and double-click
Programmable finite state machine: accelerometer, gyroscope and external
sensors
Machine learning core
Embedded temperature sensor
ECOPACK and RoHS compliant
Applications
Motion tracking and gesture detection
Sensor hub
Indoor navigation
IoT and connected devices
Smart power saving for handheld devices
EIS and OIS for camera applications
Vibration monitoring and compensation
Description
The LSM6DSTX is a system-in-package featuring a 3-axis digital accelerometer and
a 3-axis digital gyroscope, boosting performance at 0.55 mA in high-performance
mode and enabling always-on low-power features for an optimal motion experience
for the consumer.
Product status link
LSM6DSTX
Product summary
Order code
LSM6DSTX
LSM6DSTXTR
Temp. range
-40 to +85
Package
LGA-14L
(2.5 x 3 x 0.83 mm)
Packing
Tray
Tape and reel
Product resources
TN0018 (design and soldering)
Product label
iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope
with embedded machine learning core
LSM6DSTX
Datasheet
DS14039 - Rev 1 - July 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - LSM6DSTX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM6DST STMICROELECTRONICS-LSM6DST Datasheet
3Mb / 180P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
29-Sep-2020
LSM6DST/X STMICROELECTRONICS-LSM6DST/X Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
LSM6DSTTR STMICROELECTRONICS-LSM6DSTTR Datasheet
3Mb / 180P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
29-Sep-2020
More results

Similar Description - LSM6DSTX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM6DS3US STMICROELECTRONICS-LSM6DS3US Datasheet
1Mb / 104P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
April 2016 Rev 4
LSM6DSR STMICROELECTRONICS-LSM6DSR Datasheet
2Mb / 168P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
Rev 2
ISM330IS STMICROELECTRONICS-ISM330IS Datasheet
3Mb / 105P
iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with ISPU - intelligent sensor processing unit
01-Jun-2022
LSM6DSO16IS STMICROELECTRONICS-LSM6DSO16IS Datasheet
3Mb / 107P
iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with ISPU - intelligent sensor processing unit
01-Jun-2022
LSM6DSOX STMICROELECTRONICS-LSM6DSOX Datasheet
3Mb / 199P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
25-Jan-2019
LSM6DSRX STMICROELECTRONICS-LSM6DSRX Datasheet
2Mb / 171P
iNEMO inertial module with embedded Machine Learning Core: always-on 3D accelerometer and 3D gyroscope
18-Nov-2020
LSM6DSV STMICROELECTRONICS-LSM6DSV Datasheet
4Mb / 187P
iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope
15-Jul-2022
LSM6DSV16BX STMICROELECTRONICS-LSM6DSV16BX Datasheet
4Mb / 148P
iNEMO 3-axis accelerometer and 3-axis gyroscope: inertial module for UI and bone conduction with embedded machine learning core and Qvar specification
06-Jul-2022
LSM6DSV16X STMICROELECTRONICS-LSM6DSV16X Datasheet
5Mb / 196P
iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with embedded machine learning core and Qvar electrostatic sensor
15-Jul-2022
LSM6DSO STMICROELECTRONICS-LSM6DSO Datasheet
2Mb / 172P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
25-Jan-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com