Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM6DSTX Datasheet(PDF) 9 Page - STMicroelectronics

Part # LSM6DSTX
Description  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with embedded machine learning core
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSTX Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LSM6DSTX Datasheet HTML 5Page - STMicroelectronics LSM6DSTX Datasheet HTML 6Page - STMicroelectronics LSM6DSTX Datasheet HTML 7Page - STMicroelectronics LSM6DSTX Datasheet HTML 8Page - STMicroelectronics LSM6DSTX Datasheet HTML 9Page - STMicroelectronics LSM6DSTX Datasheet HTML 10Page - STMicroelectronics LSM6DSTX Datasheet HTML 11Page - STMicroelectronics LSM6DSTX Datasheet HTML 12Page - STMicroelectronics LSM6DSTX Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 175 page
background image
In the following table each mode is described for the pin connections and function.
Table 1. Pin description
Pin#
Name
Mode 1 function
Mode 2 function
Mode 3 / mode 4 function
1
SDO/SA0
SPI 4-wire interface serial data
output (SDO)
I²C least significant bit of the
device address (SA0)
SPI 4-wire interface serial data
output (SDO)
I²C least significant bit of the
device address (SA0)
SPI 4-wire interface serial data output
(SDO)
I²C least significant bit of the device
address (SA0)
2
SDx
Connect to Vdd_IO or GND
I²C serial data master (MSDA)
Auxiliary SPI 3/4-wire interface serial
data input (SDI)
and SPI 3-wire serial data output
(SDO)
3
SCx
Connect to Vdd_IO or GND
I²C serial clock master (MSCL)
Auxiliary SPI 3/4-wire interface serial
port clock (SPC_Aux)
4
INT1
Programmable interrupt in I²C and SPI
5
Vdd_IO(1)
Power supply for I/O pins
6
GND
0 V supply
7
GND
0 V supply
8
Vdd(1)
Power supply
9
INT2
Programmable interrupt 2
(INT2) / Data enable (DEN)
Programmable interrupt 2 (INT2)/
Data enable (DEN)/
I²C master external
synchronization signal (MDRDY)
Programmable interrupt 2 (INT2)/
Data enable (DEN)
10
OCS_Aux
Leave unconnected(2)
Leave unconnected(2)
Auxiliary SPI 3/4-wire interface
enable
11
SDO_Aux
Connect to Vdd_IO or leave
unconnected(2)
Connect to Vdd_IO or leave
unconnected(2)
Auxiliary SPI 3-wire interface: leave
unconnected(2)
Auxiliary SPI 4-wire interface: serial
data output (SDO_Aux)
12
CS
I²C/MIPI I3CSM/SPI mode
selection
(1: SPI idle mode / I²C/MIPI
I3CSM communication enabled;
0: SPI communication mode /
I²C/MIPI I3CSM disabled)
I²C/MIPI I3CSM/SPI mode
selection
(1: SPI idle mode / I²C/MIPI
I3CSM communication enabled;
0: SPI communication mode / I²C/
MIPI I3CSM disabled)
I²C/MIPI I3CSM/SPI mode selection
(1: SPI idle mode / I²C/MIPI I3CSM
communication enabled;
0: SPI communication mode / I²C/
MIPI I3CSM disabled)
13
SCL
I²C/MIPI I3CSM serial clock
(SCL)
SPI serial port clock (SPC)
I²C/MIPI I3CSM serial clock (SCL)
SPI serial port clock (SPC)
I²C/MIPI I3CSM serial clock (SCL)
SPI serial port clock (SPC)
14
SDA
I²C/MIPI I3CSM serial data
(SDA)
SPI serial data input (SDI)
3-wire interface serial data
output (SDO)
I²C/MIPI I3CSM serial data (SDA)
SPI serial data input (SDI)
3-wire interface serial data output
(SDO)
I²C/MIPI I3CSM serial data (SDA)
SPI serial data input (SDI)
3-wire interface serial data
output (SDO)
1. Recommended 100 nF filter capacitor.
2. Leave pin electrically unconnected and soldered to PCB.
LSM6DSTX
Pin connections
DS14039 - Rev 1
page 9/175



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com