Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM6DSTX Datasheet(PDF) 28 Page - STMicroelectronics

Part # LSM6DSTX
Description  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with embedded machine learning core
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSTX Datasheet(HTML) 28 Page - STMicroelectronics

Back Button LSM6DSTX Datasheet HTML 24Page - STMicroelectronics LSM6DSTX Datasheet HTML 25Page - STMicroelectronics LSM6DSTX Datasheet HTML 26Page - STMicroelectronics LSM6DSTX Datasheet HTML 27Page - STMicroelectronics LSM6DSTX Datasheet HTML 28Page - STMicroelectronics LSM6DSTX Datasheet HTML 29Page - STMicroelectronics LSM6DSTX Datasheet HTML 30Page - STMicroelectronics LSM6DSTX Datasheet HTML 31Page - STMicroelectronics LSM6DSTX Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 175 page
background image
6
Functionality
6.1
Operating modes
In the LSM6DSTX, the accelerometer and the gyroscope can be turned on/off independently of each other and
are allowed to have different ODRs and power modes.
The LSM6DSTX has three operating modes available:
only accelerometer active and gyroscope in power-down
only gyroscope active and accelerometer in power-down
both accelerometer and gyroscope sensors active with independent ODR
The accelerometer is activated from power-down by writing ODR_XL[3:0] in CTRL1_XL (10h) while the gyroscope
is activated from power-down by writing ODR_G[3:0] in CTRL2_G (11h). For combo mode, the ODRs are totally
independent.
6.2
Accelerometer power modes
In the LSM6DSTX, the accelerometer can be configured in five different operating modes: power-down, ultralow-
power, low-power, normal mode and high-performance mode. The operating mode selected depends on the value
of the XL_HM_MODE bit in CTRL6_C (15h). If XL_HM_MODE is set to 0, high-performance mode is valid for all
ODRs (from 12.5 Hz up to 6.66 kHz).
To enable the low-power and normal mode, the XL_HM_MODE bit has to be set to 1. Low-power mode is
available for lower ODRs (1.6, 12.5, 26, 52 Hz) while normal mode is available for ODRs equal to 104 and
208 Hz.
6.2.1
Accelerometer ultralow-power mode
The LSM6DSTX can be configured in ultralow-power (ULP) mode by setting the XL_ULP_EN bit to 1 in the
CTRL5_C (14h) register. This mode can be used in accelerometer-only mode (gyroscope sensor must be
configured in power-down mode) and for ODR_XL values between 1.6 Hz and 208 Hz.
When ULP mode is intended to be used, the bit XL_HM_MODE must be set to 0.
When ULP mode is switched ON/OFF, the accelerometer must be configured in power-down condition.
ULP mode cannot be used in mode 3 or mode 4 connection modes.
The embedded functions based on accelerometer data (free-fall, 6D/4D, tap, double-tap, wake-up, activity/
inactivity, stationary/motion, step-counter, step-detection, significant motion, tilt) and the FIFO batching
functionality are still supported when ULP mode is enabled.
6.3
Gyroscope power modes
In the LSM6DSTX, the gyroscope can be configured in four different operating modes: power-down, low-
power, normal mode and high-performance mode. The operating mode selected depends on the value of the
G_HM_MODE bit in CTRL7_G (16h). If G_HM_MODE is set to 0, high-performance mode is valid for all ODRs
(from 12.5 Hz up to 6.66 kHz).
To enable the low-power and normal mode, the G_HM_MODE bit has to be set to 1. Low-power mode is available
for lower ODRs (12.5, 26, 52 Hz) while normal mode is available for ODRs equal to 104 and 208 Hz.
LSM6DSTX
Functionality
DS14039 - Rev 1
page 28/175



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com