Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM6DSTX Datasheet(PDF) 45 Page - STMicroelectronics

Part # LSM6DSTX
Description  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with embedded machine learning core
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSTX Datasheet(HTML) 45 Page - STMicroelectronics

Back Button LSM6DSTX Datasheet HTML 41Page - STMicroelectronics LSM6DSTX Datasheet HTML 42Page - STMicroelectronics LSM6DSTX Datasheet HTML 43Page - STMicroelectronics LSM6DSTX Datasheet HTML 44Page - STMicroelectronics LSM6DSTX Datasheet HTML 45Page - STMicroelectronics LSM6DSTX Datasheet HTML 46Page - STMicroelectronics LSM6DSTX Datasheet HTML 47Page - STMicroelectronics LSM6DSTX Datasheet HTML 48Page - STMicroelectronics LSM6DSTX Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 175 page
background image
Pin
#
Name
Mode 1 function
Mode 2 function
Mode 3 / mode 4
function
Pin status mode 1
Pin status mode 2
Pin status mode 3/4(1)
10
OCS_Aux
Leave unconnected
Leave unconnected
Auxiliary SPI 3/4-wire
interface enabled
Default: input with pull-
up. Pull-up is disabled if
bit OIS_PU_DIS = 1 in
PIN_CTRL (02h).
Default: input with pull-
up. Pull-up is disabled if
bit OIS_PU_DIS = 1 in
PIN_CTRL (02h).
Default: input without pull-
up (regardless of the value
of bit OIS_PU_DIS in
PIN_CTRL (02h))
11
SDO_Aux
Connect to Vdd_IO or
leave unconnected
Connect to Vdd_IO or
leave unconnected
Auxiliary SPI 3-
wire interface: leave
unconnected / Auxiliary
SPI 4-wire interface:
serial data output
(SDO_Aux)
Default: input with pull-
up. Pull-up is disabled if
bit OIS_PU_DIS = 1 in
PIN_CTRL (02h).
Default: input with pull-
up. Pull-up is disabled if
bit OIS_PU_DIS = 1 in
PIN_CTRL (02h).
Default: input without pull-
up. Pull-up is enabled if
bit SIM_OIS = 1 (Aux_SPI
3-wire) in UI_CTRL1_OIS
(70h) and bit OIS_PU_DIS =
0 in PIN_CTRL (02h).
12
CS
I²C/SPI mode
selection
(1:SPI idle mode /
I²C communication
enabled;
0: SPI communication
mode / I²C disabled)
I²C/SPI mode selection
(1:SPI idle mode /
I²C communication
enabled;
0: SPI communication
mode / I²C disabled)
I²C/SPI mode selection
(1:SPI idle mode /
I²C communication
enabled;
0: SPI communication
mode / I²C disabled)
Default: input with pull-
up. Pull-up is disabled
if bit I2C_disable =
1 in CTRL4_C (13h)
and I3C_disable = 1 in
CTRL9_XL (18h).
Default: input with pull-
up. Pull-up is disabled
if bit I2C_disable =
1 in CTRL4_C (13h)
and I3C_disable = 1 in
CTRL9_XL (18h).
Default: input with pull-
up. Pull-up is disabled
if bit I2C_disable =
1 in CTRL4_C (13h)
and I3C_disable = 1 in
CTRL9_XL (18h).
13
SCL
I²C/MIPI I3CSM serial
clock (SCL) / SPI
serial port clock
(SPC)
I²C/MIPI I3CSM serial
clock (SCL) / SPI
serial port clock (SPC)
I²C/MIPI I3CSM serial
clock (SCL) / SPI serial
port clock (SPC)
Default: input without pull-
up
Default: input without pull-
up
Default: input without pull-up
14
SDA
I²C/MIPI I3CSM
serial data (SDA) /
SPI serial data
input (SDI) / 3-wire
interface serial data
output (SDO)
I²C/MIPI I3CSM serial
data (SDA) / SPI serial
data input (SDI) / 3-
wire interface serial
data output (SDO)
I²C/MIPI I3CSM serial
data (SDA) / SPI serial
data input (SDI) / 3-wire
interface serial data
output (SDO)
Default: input without pull-
up
Default: input without pull-
up
Default: input without pull-up
1. Mode 3 is enabled when the OIS_EN_SPI2 bit in the UI_CTRL1_OIS (70h) / SPI2_CTRL1_OIS (70h) registers is set to 1. Mode 4 is enabled when both the OIS_EN_SPI2 bit and
the Mode4_EN bit in the UI_CTRL1_OIS (70h) / SPI2_CTRL1_OIS (70h) registers are set to 1.
2. INT1 must be set to 0 or left unconnected during power-on if the I²C/SPI interfaces are used.
Internal pull-up value is from 30 kΩ to 50 kΩ, depending on Vdd_IO.
Note:
The procedure to enable the pull-up on pins 2 and 3 is as follows:
1. From the primary I²C/I³C/SPI interface : write 40h in register at address 01h (enable access to the sensor hub registers)
2. From the primary I²C/I³C/SPI interface : write 08h in register at address 14h (enable the pull-up on pins 2 and 3)
3. From the primary I²C/I³C/SPI interface : write 00h in register at address 01h (disable access to the sensor hub registers)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com