Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM6DSTX Datasheet(PDF) 3 Page - STMicroelectronics

Part # LSM6DSTX
Description  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with embedded machine learning core
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSTX Datasheet(HTML) 3 Page - STMicroelectronics

  LSM6DSTX Datasheet HTML 1Page - STMicroelectronics LSM6DSTX Datasheet HTML 2Page - STMicroelectronics LSM6DSTX Datasheet HTML 3Page - STMicroelectronics LSM6DSTX Datasheet HTML 4Page - STMicroelectronics LSM6DSTX Datasheet HTML 5Page - STMicroelectronics LSM6DSTX Datasheet HTML 6Page - STMicroelectronics LSM6DSTX Datasheet HTML 7Page - STMicroelectronics LSM6DSTX Datasheet HTML 8Page - STMicroelectronics LSM6DSTX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 175 page
background image
1
Overview
The LSM6DSTX is a system-in-package featuring a high-performance 3-axis digital accelerometer and 3-axis
digital gyroscope.
The LSM6DSTX delivers best-in-class motion sensing that can detect orientation and gestures in order to
empower application developers and consumers with features and capabilities that are more sophisticated than
simply orienting their devices to portrait and landscape mode.
The event-detection interrupts enable efficient and reliable motion tracking and contextual awareness,
implementing hardware recognition of free-fall events, 6D orientation, click and double-click sensing, activity or
inactivity, stationary/motion detection and wake-up events.
The LSM6DSTX supports main OS requirements, offering real, virtual, and batch mode sensors. In addition,
the LSM6DSTX can efficiently run the sensor-related features specified in Android, saving power and enabling
faster reaction time. In particular, the LSM6DSTX has been designed to implement hardware features such as
significant motion detection, stationary/motion detection, tilt, pedometer functions, timestamping and to support
the data acquisition of an external magnetometer.
The LSM6DSTX offers hardware flexibility to connect the pins with different mode connections to external sensors
to expand functionalities such as adding a sensor hub, auxiliary SPI, etc.
Up to 9 KB of FIFO with compression and dynamic allocation of significant data (that is, external sensors,
timestamp, and so forth) allows overall power saving of the system.
Like the entire portfolio of MEMS sensor modules, the LSM6DSTX leverages the robust and mature in-house
manufacturing processes already used for the production of micromachined accelerometers and gyroscopes. The
various sensing elements are manufactured using specialized micromachining processes, while the IC interfaces
are developed using CMOS technology that allows the design of a dedicated circuit that is trimmed to better
match the characteristics of the sensing element.
The LSM6DSTX is available in a small plastic land grid array (LGA) package of 2.5 x 3.0 x 0.83 mm to address
ultracompact solutions.
LSM6DSTX
Overview
DS14039 - Rev 1
page 3/175



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com