Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM6DSTX Datasheet(PDF) 57 Page - STMicroelectronics

Part # LSM6DSTX
Description  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with embedded machine learning core
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSTX Datasheet(HTML) 57 Page - STMicroelectronics

Back Button LSM6DSTX Datasheet HTML 53Page - STMicroelectronics LSM6DSTX Datasheet HTML 54Page - STMicroelectronics LSM6DSTX Datasheet HTML 55Page - STMicroelectronics LSM6DSTX Datasheet HTML 56Page - STMicroelectronics LSM6DSTX Datasheet HTML 57Page - STMicroelectronics LSM6DSTX Datasheet HTML 58Page - STMicroelectronics LSM6DSTX Datasheet HTML 59Page - STMicroelectronics LSM6DSTX Datasheet HTML 60Page - STMicroelectronics LSM6DSTX Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 175 page
background image
9.13
CTRL2_G (11h)
Gyroscope control register 2 (R/W)
Table 47. CTRL2_G register
ODR_G3
ODR_G2
ODR_G1
ODR_G0
FS1_G
FS0_G
FS_125
0(1)
1. This bit must be set to 0 for the correct operation of the device.
Table 48. CTRL2_G register description
ODR_G[3:0]
Gyroscope output data rate selection. Default value: 0000
(Refer to Table 49)
FS[1:0]_G
Gyroscope UI chain full-scale selection
(00: ±250 dps;
01: ±500 dps;
10: ±1000 dps;
11: ±2000 dps)
FS_125
Selects gyroscope UI chain full-scale ±125 dps
(0: FS selected through bits FS[1:0]_G;
1: FS set to ±125 dps)
Table 49. Gyroscope ODR configuration setting
ODR_G3
ODR_G2
ODR_G1
ODR_G0
ODR [Hz] when G_HM_MODE = 1
in CTRL7_G (16h)
ODR [Hz] when G_HM_MODE = 0
in CTRL7_G (16h)
0
0
0
0
Power-down
Power-down
0
0
0
1
12.5 Hz (low-power mode)
12.5 Hz (high-performance mode)
0
0
1
0
26 Hz (low-power mode)
26 Hz (high-performance mode)
0
0
1
1
52 Hz (low-power mode)
52 Hz (high-performance mode)
0
1
0
0
104 Hz (normal mode)
104 Hz (high-performance mode)
0
1
0
1
208 Hz (normal mode)
208 Hz (high-performance mode)
0
1
1
0
416 Hz (high-performance mode)
416 Hz (high-performance mode)
0
1
1
1
833 Hz (high-performance mode)
833 Hz (high-performance mode)
1
0
0
0
1.66 kHz (high-performance mode)
1.66 kHz (high-performance mode)
1
0
0
1
3.33 kHz (high-performance mode)
3.33 kHz (high performance)
1
0
1
0
6.66 kHz (high-performance mode)
6.66 kHz (high-performance mode)
1
0
1
1
Reserved
Reserved
LSM6DSTX
CTRL2_G (11h)
DS14039 - Rev 1
page 57/175



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com