Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM6DSTX Datasheet(PDF) 87 Page - STMicroelectronics

Part # LSM6DSTX
Description  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with embedded machine learning core
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSTX Datasheet(HTML) 87 Page - STMicroelectronics

Back Button LSM6DSTX Datasheet HTML 83Page - STMicroelectronics LSM6DSTX Datasheet HTML 84Page - STMicroelectronics LSM6DSTX Datasheet HTML 85Page - STMicroelectronics LSM6DSTX Datasheet HTML 86Page - STMicroelectronics LSM6DSTX Datasheet HTML 87Page - STMicroelectronics LSM6DSTX Datasheet HTML 88Page - STMicroelectronics LSM6DSTX Datasheet HTML 89Page - STMicroelectronics LSM6DSTX Datasheet HTML 90Page - STMicroelectronics LSM6DSTX Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 175 page
background image
9.64
UI_CTRL3_OIS (72h)
OIS configuration register. The primary interface can write this register when the OIS_CTRL_FROM_UI bit
in the FUNC_CFG_ACCESS (01h) register is equal to 1 (primary IF full-control mode). This register is read-
only when the OIS_CTRL_FROM_UI bit is equal to 0 (SPI2 full-control mode) and shows the content of the
SPI2_CTRL3_OIS (72h) register.
Table 171. UI_CTRL3_OIS register
FS1_XL_OIS
FS0_XL_OIS
FILTER_XL_
CONF_OIS_2
FILTER_XL_
CONF_OIS_1
FILTER_XL_
CONF_OIS_0
0(1)
0(1)
ST_OIS_
CLAMPDIS
1. This bit must be set to 0 for the correct operation of the device.
Table 172. UI_CTRL3_OIS register description
FS[1:0]_XL_OIS
Selects accelerometer OIS channel full-scale. See Table 173.
FILTER_XL_CONF_OIS_[2:0]
Selects accelerometer OIS channel bandwidth. See Table 174.
ST_OIS_CLAMPDIS
Disables OIS chain clamp
(0: all OIS chain outputs = 8000h during self-test;
1: OIS chain self-test outputs as shown in Table 175.
Table 173. Accelerometer OIS channel full-scale selection
FS[1:0]_XL_OIS
XL_FS_MODE = 0
XL_FS_MODE = 1
XL UI ON
XL UI PD
-
00 (default)
Full-scale selected from user interface
±2 g
±2 g
01
±16 g
±2 g
10
±4 g
±4 g
11
±8 g
±8 g
Note:
XL_FS_MODE bit is in CTRL8_XL (17h).
When the accelerometer full-scale value is selected only from the UI side, it is readable also from the OIS side.
Table 174. Accelerometer OIS channel bandwidth and phase
FILTER_XL_CONF_OIS[2:0]
Typ. overall bandwidth [Hz]
Typ. overall phase [°]
000
289
-5.72 @ 20 Hz
001
258
-6.80 @ 20 Hz
010
120
-13.2 @ 20 Hz
011
65.1
-21.5 @ 20 Hz
100
33.2
-19.1 @ 10 Hz
101
16.6
-33.5 @ 10 Hz
110
8.30
-26.7 @ 4 Hz
111
4.14
-26.2 @ 2 Hz
LSM6DSTX
UI_CTRL3_OIS (72h)
DS14039 - Rev 1
page 87/175



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com